Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega165 Datasheet(PDF) 181 Page - ATMEL Corporation

Part # ATmega165
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165 Datasheet(HTML) 181 Page - ATMEL Corporation

Back Button ATmega165 Datasheet HTML 177Page - ATMEL Corporation ATmega165 Datasheet HTML 178Page - ATMEL Corporation ATmega165 Datasheet HTML 179Page - ATMEL Corporation ATmega165 Datasheet HTML 180Page - ATMEL Corporation ATmega165 Datasheet HTML 181Page - ATMEL Corporation ATmega165 Datasheet HTML 182Page - ATMEL Corporation ATmega165 Datasheet HTML 183Page - ATMEL Corporation ATmega165 Datasheet HTML 184Page - ATMEL Corporation ATmega165 Datasheet HTML 185Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 336 page
background image
181
ATmega165/V
2573G–AVR–07/09
Start Condition Detector
The start condition detector is shown in Figure 81. The SDA line is delayed (in the range
of 50 to 300 ns) to ensure valid sampling of the SCL line. The start condition detector is
only enabled in Two-wire mode.
The start condition detector is working asynchronously and can therefore wake up the
processor from the Power-down sleep mode. However, the protocol used might have
restrictions on the SCL hold time. Therefore, when using this feature in this case the
Oscillator start-up time set by the CKSEL Fuses (see “Clock Systems and their Distribu-
tion” on page 23) must also be taken into the consideration. Refer to the USISIF bit
description on page 182 for further details.
Clock speed considerations.
Maximum frequency for SCL and SCK is f
CK /4. This is also the maximum data transmit
and receieve rate in both two- and three-wire mode. In two-wire slave mode the Two-
wire Clock Control Unit will hold the SCL low until the slave is ready to receive more
data. This may reduce the actual data rate in two-wire mode.
Alternative USI Usage
When the USI unit is not used for serial communication, it can be set up to do alternative
tasks due to its flexible design.
Half-duplex Asynchronous
Data Transfer
By utilizing the Shift Register in Three-wire mode, it is possible to implement a more
compact and higher performance UART than by software only.
4-bit Counter
The 4-bit counter can be used as a stand-alone counter with overflow interrupt. Note
that if the counter is clocked externally, both clock edges will generate an increment.
12-bit Timer/Counter
Combining the USI 4-bit counter and Timer/Counter0 allows them to be used as a 12-bit
counter.
Edge Triggered External
Interrupt
By setting the counter to maximum value (F) it can function as an additional external
interrupt. The Overflow Flag and Interrupt Enable bit are then used for the external inter-
rupt. This feature is selected by the USICS1 bit.
Software Interrupt
The counter overflow interrupt can be used as a software interrupt triggered by a clock
strobe.
USI Register
Descriptions
USI Data Register – USIDR
The USI uses no buffering of the Serial Register, i.e., when accessing the Data Register
(USIDR) the Serial Register is accessed directly. If a serial clock occurs at the same
cycle the register is written, the register will contain the value written and no shift is per-
formed. A (left) shift operation is performed depending of the USICS1..0 bits setting. The
shift operation can be controlled by an external clock edge, by a Timer/Counter0 Com-
pare Match, or directly by software using the USICLK strobe bit. Note that even when no
wire mode is selected (USIWM1..0 = 0) both the external data input (DI/SDA) and the
external clock input (USCK/SCL) can still be used by the Shift Register.
The output pin in use, DO or SDA depending on the wire mode, is connected via the out-
put latch to the most significant bit (bit 7) of the Data Register. The output latch is open
Bit
7
6
5
4
3
2
1
0
MSB
LSB
USIDR
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com