Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega165 Datasheet(PDF) 184 Page - ATMEL Corporation

Part # ATmega165
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165 Datasheet(HTML) 184 Page - ATMEL Corporation

Back Button ATmega165 Datasheet HTML 180Page - ATMEL Corporation ATmega165 Datasheet HTML 181Page - ATMEL Corporation ATmega165 Datasheet HTML 182Page - ATMEL Corporation ATmega165 Datasheet HTML 183Page - ATMEL Corporation ATmega165 Datasheet HTML 184Page - ATMEL Corporation ATmega165 Datasheet HTML 185Page - ATMEL Corporation ATmega165 Datasheet HTML 186Page - ATMEL Corporation ATmega165 Datasheet HTML 187Page - ATMEL Corporation ATmega165 Datasheet HTML 188Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 336 page
background image
184
ATmega165/V
2573G–AVR–07/09
Note:
1. The DI and USCK pins are renamed to Serial Data (SDA) and Serial Clock (SCL)
respectively to avoid confusion between the modes of operation.
Table 76. Relations between USIWM1..0 and the USI Operation
USIWM1
USIWM0
Description
0
0
Outputs, clock hold, and start detector disabled. Port pins operates as
normal.
0
1
Three-wire mode. Uses DO, DI, and USCK pins.
The Data Output (DO) pin overrides the corresponding bit in the PORT
Register in this mode. However, the corresponding DDR bit still
controls the data direction. When the port pin is set as input the pins
pull-up is controlled by the PORT bit.
The Data Input (DI) and Serial Clock (USCK) pins do not affect the
normal port operation. When operating as master, clock pulses are
software generated by toggling the PORT Register, while the data
direction is set to output. The USITC bit in the USICR Register can be
used for this purpose.
1
0
Two-wire mode. Uses SDA (DI) and SCL (USCK) pins(1).
The Serial Data (SDA) and the Serial Clock (SCL) pins are bi-
directional and uses open-collector output drives. The output drivers
are enabled by setting the corresponding bit for SDA and SCL in the
DDR Register.
When the output driver is enabled for the SDA pin, the output driver will
force the line SDA low if the output of the Shift Register or the
corresponding bit in the PORT Register is zero. Otherwise the SDA
line will not be driven (i.e., it is released). When the SCL pin output
driver is enabled the SCL line will be forced low if the corresponding bit
in the PORT Register is zero, or by the start detector. Otherwise the
SCL line will not be driven.
The SCL line is held low when a start detector detects a start condition
and the output is enabled. Clearing the Start Condition Flag (USISIF)
releases the line. The SDA and SCL pin inputs is not affected by
enabling this mode. Pull-ups on the SDA and SCL port pin are
disabled in Two-wire mode.
1
1
Two-wire mode. Uses SDA and SCL pins.
Same operation as for the Two-wire mode described above, except
that the SCL line is also held low when a counter overflow occurs, and
is held low until the Counter Overflow Flag (USIOIF) is cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com