Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega165 Datasheet(PDF) 183 Page - ATMEL Corporation

Part # ATmega165
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165 Datasheet(HTML) 183 Page - ATMEL Corporation

Back Button ATmega165 Datasheet HTML 179Page - ATMEL Corporation ATmega165 Datasheet HTML 180Page - ATMEL Corporation ATmega165 Datasheet HTML 181Page - ATMEL Corporation ATmega165 Datasheet HTML 182Page - ATMEL Corporation ATmega165 Datasheet HTML 183Page - ATMEL Corporation ATmega165 Datasheet HTML 184Page - ATMEL Corporation ATmega165 Datasheet HTML 185Page - ATMEL Corporation ATmega165 Datasheet HTML 186Page - ATMEL Corporation ATmega165 Datasheet HTML 187Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 336 page
background image
183
ATmega165/V
2573G–AVR–07/09
CLK or USITC strobe bits. The clock source depends of the setting of the USICS1..0
bits. For external clock operation a special feature is added that allows the clock to be
generated by writing to the USITC strobe bit. This feature is enabled by write a one to
the USICLK bit while setting an external clock source (USICS1 = 1).
Note that even when no wire mode is selected (USIWM1..0 = 0) the external clock input
(USCK/SCL) are can still be used by the counter.
USI Control Register – USICR
The Control Register includes interrupt enable control, wire mode setting, Clock Select
setting, and clock strobe.
• Bit 7 – USISIE: Start Condition Interrupt Enable
Setting this bit to one enables the Start Condition detector interrupt. If there is a pending
interrupt when the USISIE and the Global Interrupt Enable Flag is set to one, this will
immediately be executed. Refer to the USISIF bit description on page 182 for further
details.
• Bit 6 – USIOIE: Counter Overflow Interrupt Enable
Setting this bit to one enables the Counter Overflow interrupt. If there is a pending inter-
rupt when the USIOIE and the Global Interrupt Enable Flag is set to one, this will
immediately be executed. Refer to the USIOIF bit description on page 182 for further
details.
• Bit 5..4 – USIWM1..0: Wire Mode
These bits set the type of wire mode to be used. Basically only the function of the out-
puts are affected by these bits. Data and clock inputs are not affected by the mode
selected and will always have the same function. The counter and Shift Register can
therefore be clocked externally, and data input sampled, even when outputs are dis-
abled. The relations between USIWM1..0 and the USI operation is summarized in Table
76.
Bit
7
6
5
4
3
2
1
0
USISIE
USIOIE
USIWM1
USIWM0
USICS1
USICS0
USICLK
USITC
USICR
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
W
W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com