Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega165 Datasheet(PDF) 185 Page - ATMEL Corporation

Part # ATmega165
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165 Datasheet(HTML) 185 Page - ATMEL Corporation

Back Button ATmega165 Datasheet HTML 181Page - ATMEL Corporation ATmega165 Datasheet HTML 182Page - ATMEL Corporation ATmega165 Datasheet HTML 183Page - ATMEL Corporation ATmega165 Datasheet HTML 184Page - ATMEL Corporation ATmega165 Datasheet HTML 185Page - ATMEL Corporation ATmega165 Datasheet HTML 186Page - ATMEL Corporation ATmega165 Datasheet HTML 187Page - ATMEL Corporation ATmega165 Datasheet HTML 188Page - ATMEL Corporation ATmega165 Datasheet HTML 189Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 336 page
background image
185
ATmega165/V
2573G–AVR–07/09
•Bit 3..2 – USICS1..0: Clock Source Select
These bits set the clock source for the Shift Register and counter. The data output latch
ensures that the output is changed at the opposite edge of the sampling of the data
input (DI/SDA) when using external clock source (USCK/SCL). When software strobe or
Timer/Counter0 Compare Match clock option is selected, the output latch is transparent
and therefore the output is changed immediately. Clearing the USICS1..0 bits enables
software strobe option. When using this option, writing a one to the USICLK bit clocks
both the Shift Register and the counter. For external clock source (USICS1 = 1), the
USICLK bit is no longer used as a strobe, but selects between external clocking and
software clocking by the USITC strobe bit.
Table 77 shows the relationship between the USICS1..0 and USICLK setting and clock
source used for the Shift Register and the 4-bit counter.
• Bit 1 – USICLK: Clock Strobe
Writing a one to this bit location strobes the Shift Register to shift one step and the coun-
ter to increment by one, provided that the USICS1..0 bits are set to zero and by doing so
the software clock strobe option is selected. The output will change immediately when
the clock strobe is executed, i.e., in the same instruction cycle. The value shifted into the
Shift Register is sampled the previous instruction cycle. The bit will be read as zero.
When an external clock source is selected (USICS1 = 1), the USICLK function is
changed from a clock strobe to a Clock Select Register. Setting the USICLK bit in this
case will select the USITC strobe bit as clock source for the 4-bit counter (see Table 77).
• Bit 0 – USITC: Toggle Clock Port Pin
Writing a one to this bit location toggles the USCK/SCL value either from 0 to 1, or from
1 to 0. The toggling is independent of the setting in the Data Direction Register, but if the
PORT value is to be shown on the pin the DDRE4 must be set as output (to one). This
feature allows easy clock generation when implementing master devices. The bit will be
read as zero.
When an external clock source is selected (USICS1 = 1) and the USICLK bit is set to
one, writing to the USITC strobe bit will directly clock the 4-bit counter. This allows an
early detection of when the transfer is done when operating as a master device.
Table 77. Relations between the USICS1..0 and USICLK Setting
USICS1
USICS0
USICLK
Shift Register Clock
Source
4-bit Counter Clock
Source
0
0
0
No Clock
No Clock
0
0
1
Software clock strobe
(USICLK)
Software clock strobe
(USICLK)
0
1
X
Timer/Counter0 Compare
Match
Timer/Counter0 Compare
Match
1
0
0
External, positive edge
External, both edges
1
1
0
External, negative edge
External, both edges
1
0
1
External, positive edge
Software clock strobe
(USITC)
1
1
1
External, negative edge
Software clock strobe
(USITC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com