Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega165 Datasheet(PDF) 177 Page - ATMEL Corporation

Part # ATmega165
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165 Datasheet(HTML) 177 Page - ATMEL Corporation

Back Button ATmega165 Datasheet HTML 173Page - ATMEL Corporation ATmega165 Datasheet HTML 174Page - ATMEL Corporation ATmega165 Datasheet HTML 175Page - ATMEL Corporation ATmega165 Datasheet HTML 176Page - ATMEL Corporation ATmega165 Datasheet HTML 177Page - ATMEL Corporation ATmega165 Datasheet HTML 178Page - ATMEL Corporation ATmega165 Datasheet HTML 179Page - ATMEL Corporation ATmega165 Datasheet HTML 180Page - ATMEL Corporation ATmega165 Datasheet HTML 181Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 336 page
background image
177
ATmega165/V
2573G–AVR–07/09
The Three-wire mode timing is shown in Figure 78. At the top of the figure is a USCK
cycle reference. One bit is shifted into the USI Shift Register (USIDR) for each of these
cycles. The USCK timing is shown for both external clock modes. In External Clock
mode 0 (USICS0 = 0), DI is sampled at positive edges, and DO is changed (Data Regis-
ter is shifted by one) at negative edges. External Clock mode 1 (USICS0 = 1) uses the
opposite edges versus mode 0, i.e., samples data at negative and changes the output at
positive edges. The USI clock modes corresponds to the SPI data mode 0 and 1.
Referring to the timing diagram (Figure 78.), a bus transfer involves the following steps:
1.
The Slave device and Master device sets up its data output and, depending on
the protocol used, enables its output driver (mark A and B). The output is set up
by writing the data to be transmitted to the Serial Data Register. Enabling of the
output is done by setting the corresponding bit in the port Data Direction Regis-
ter. Note that point A and B does not have any specific order, but both must be at
least one half USCK cycle before point C where the data is sampled. This must
be done to ensure that the data setup requirement is satisfied. The 4-bit counter
is reset to zero.
2.
The Master generates a clock pulse by software toggling the USCK line twice (C
and D). The bit value on the slave and master’s data input (DI) pin is sampled by
the USI on the first edge (C), and the data output is changed on the opposite
edge (D). The 4-bit counter will count both edges.
3.
Step 2. is repeated eight times for a complete register (byte) transfer.
4.
After eight clock pulses (i.e., 16 clock edges) the counter will overflow and indi-
cate that the transfer is completed. The data bytes transferred must now be
processed before a new transfer can be initiated. The overflow interrupt will wake
up the processor if it is set to Idle mode. Depending of the protocol used the
slave device can now set its output to high impedance.
SPI Master Operation
Example
The following code demonstrates how to use the USI module as a SPI Master:
SPITransfer:
sts
USIDR,r16
ldi
r16,(1<<USIOIF)
sts
USISR,r16
ldi
r16,(1<<USIWM0)|(1<<USICS1)|(1<<USICLK)|(1<<USITC)
SPITransfer_loop:
sts
USICR,r16
lds
r16, USISR
sbrs
r16, USIOIF
rjmp
SPITransfer_loop
lds
r16,USIDR
ret
The code is size optimized using only eight instructions (+ ret). The code example
assumes that the DO and USCK pins are enabled as output in the DDRE Register. The
value stored in register r16 prior to the function is called is transferred to the Slave
device, and when the transfer is completed the data received from the Slave is stored
back into the r16 Register.
The second and third instructions clears the USI Counter Overflow Flag and the USI
counter value. The fourth and fifth instruction set Three-wire mode, positive edge Shift
Register clock, count at USITC strobe, and toggle USCK. The loop is repeated 16 times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com