Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega165 Datasheet(PDF) 254 Page - ATMEL Corporation

Part # ATmega165
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165 Datasheet(HTML) 254 Page - ATMEL Corporation

Back Button ATmega165 Datasheet HTML 250Page - ATMEL Corporation ATmega165 Datasheet HTML 251Page - ATMEL Corporation ATmega165 Datasheet HTML 252Page - ATMEL Corporation ATmega165 Datasheet HTML 253Page - ATMEL Corporation ATmega165 Datasheet HTML 254Page - ATMEL Corporation ATmega165 Datasheet HTML 255Page - ATMEL Corporation ATmega165 Datasheet HTML 256Page - ATMEL Corporation ATmega165 Datasheet HTML 257Page - ATMEL Corporation ATmega165 Datasheet HTML 258Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 336 page
background image
254
ATmega165/V
2573G–AVR–07/09
Figure 112. Addressing the Flash Which is Organized in Pages
(1)
Note:
1. PCPAGE and PCWORD are listed in Table 105 on page 249.
Figure 113. Programming the Flash Waveforms(1)
Note:
1. “XX” is don’t care. The letters refer to the programming description above.
Programming the EEPROM
The EEPROM is organized in pages, see Table 106 on page 249. When programming
the EEPROM, the program data is latched into a page buffer. This allows one page of
data to be programmed simultaneously. The programming algorithm for the EEPROM
data memory is as follows (refer to “Programming the Flash” on page 252 for details on
Command, Address and Data loading):
1.
A: Load Command “0001 0001”.
2.
G: Load Address High Byte (0x00 - 0xFF).
3.
B: Load Address Low Byte (0x00 - 0xFF).
4.
C: Load Data (0x00 - 0xFF).
5.
E: Latch data (give PAGEL a positive pulse).
PROGRAM MEMORY
WORD ADDRESS
WITHIN A PAGE
PAGE ADDRESS
WITHIN THE FLASH
INSTRUCTION WORD
PAGE
PCWORD[PAGEMSB:0]:
00
01
02
PAGEEND
PAGE
PCWORD
PCPAGE
PCMSB
PAGEMSB
PROGRAM
COUNTER
RDY/BSY
WR
OE
RESET +12V
PAGEL
BS2
0x10
ADDR. LOW
ADDR. HIGH
DATA
DATA LOW
DATA HIGH
ADDR. LOW
DATA LOW
DATA HIGH
XA1
XA0
BS1
XTAL1
XX
XX
XX
AB
CD
E
B
C
D
E
G
H
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com