Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega165 Datasheet(PDF) 256 Page - ATMEL Corporation

Part # ATmega165
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165 Datasheet(HTML) 256 Page - ATMEL Corporation

Back Button ATmega165 Datasheet HTML 252Page - ATMEL Corporation ATmega165 Datasheet HTML 253Page - ATMEL Corporation ATmega165 Datasheet HTML 254Page - ATMEL Corporation ATmega165 Datasheet HTML 255Page - ATMEL Corporation ATmega165 Datasheet HTML 256Page - ATMEL Corporation ATmega165 Datasheet HTML 257Page - ATMEL Corporation ATmega165 Datasheet HTML 258Page - ATMEL Corporation ATmega165 Datasheet HTML 259Page - ATMEL Corporation ATmega165 Datasheet HTML 260Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 336 page
background image
256
ATmega165/V
2573G–AVR–07/09
Programming the Fuse Low
Bits
The algorithm for programming the Fuse Low bits is as follows (refer to “Programming
the Flash” on page 252 for details on Command and Data loading):
1.
A: Load Command “0100 0000”.
2.
C: Load Data Byte. Bit n = “0” programs and bit n = “1” erases the Fuse bit.
3.
Give WR a negative pulse and wait for RDY/BSY to go high.
Programming the Fuse High
Bits
The algorithm for programming the Fuse High bits is as follows (refer to “Programming
the Flash” on page 252 for details on Command and Data loading):
1.
A: Load Command “0100 0000”.
2.
C: Load Data Byte. Bit n = “0” programs and bit n = “1” erases the Fuse bit.
3.
Set BS1 to “1” and BS2 to “0”. This selects high fuse byte.
4.
Give WR a negative pulse and wait for RDY/BSY to go high.
5.
Set BS1 to “0”. This selects low data byte.
Programming the Extended
Fuse Bits
The algorithm for programming the Extended Fuse bits is as follows (refer to “Program-
ming the Flash” on page 252 for details on Command and Data loading):
1.
1. A: Load Command “0100 0000”.
2.
2. C: Load Data Byte. Bit n = “0” programs and bit n = “1” erases the Fuse bit.
3.
3. Set BS1 to “0” and BS2 to “1”. This selects extended fuse byte.
4.
4. Give WR a negative pulse and wait for RDY/BSY to go high.
5.
5. Set BS2 to “0”. This selects low data byte.
Figure 115. Programming the FUSES Waveforms
Programming the Lock Bits
The algorithm for programming the Lock bits is as follows (refer to “Programming the
Flash” on page 252 for details on Command and Data loading):
1.
A: Load Command “0010 0000”.
2.
C: Load Data Low Byte. Bit n = “0” programs the Lock bit. If LB mode 3 is pro-
grammed (LB1 and LB2 is programmed), it is not possible to program the Boot
Lock bits by any External Programming mode.
3.
Give WR a negative pulse and wait for RDY/BSY to go high.
The Lock bits can only be cleared by executing Chip Erase.
RDY/BSY
WR
OE
RESET +12V
PAGEL
0x40
DATA
DATA
XX
XA1
XA0
BS1
XTAL1
AC
0x40
DATA
XX
AC
Write Fuse Low byte
Write Fuse high byte
0x40
DATA
XX
AC
Write Extended Fuse byte
BS2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com