Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega165 Datasheet(PDF) 259 Page - ATMEL Corporation

Part # ATmega165
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165 Datasheet(HTML) 259 Page - ATMEL Corporation

Back Button ATmega165 Datasheet HTML 255Page - ATMEL Corporation ATmega165 Datasheet HTML 256Page - ATMEL Corporation ATmega165 Datasheet HTML 257Page - ATMEL Corporation ATmega165 Datasheet HTML 258Page - ATMEL Corporation ATmega165 Datasheet HTML 259Page - ATMEL Corporation ATmega165 Datasheet HTML 260Page - ATMEL Corporation ATmega165 Datasheet HTML 261Page - ATMEL Corporation ATmega165 Datasheet HTML 262Page - ATMEL Corporation ATmega165 Datasheet HTML 263Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 336 page
background image
259
ATmega165/V
2573G–AVR–07/09
Figure 119. Parallel Programming Timing, Reading Sequence (within the Same Page)
with Timing Requirements
(1)
Note:
1. The timing requirements shown in Figure 117 (i.e., tDVXH, tXHXL, and tXLDX) also apply
to reading operation.
Table 112. Parallel Programming Characteristics, V
CC = 5V ± 10%
Symbol
Parameter
Min
Typ
Max
Units
VPP
Programming Enable Voltage
11.5
12.5
V
IPP
Programming Enable Current
250
μA
tDVXH
Data and Control Valid before XTAL1 High
67
ns
tXLXH
XTAL1 Low to XTAL1 High
200
ns
tXHXL
XTAL1 Pulse Width High
150
ns
tXLDX
Data and Control Hold after XTAL1 Low
67
ns
tXLWL
XTAL1 Low to WR Low
0
ns
tXLPH
XTAL1 Low to PAGEL high
0
ns
tPLXH
PAGEL low to XTAL1 high
150
ns
tBVPH
BS1 Valid before PAGEL High
67
ns
tPHPL
PAGEL Pulse Width High
150
ns
tPLBX
BS1 Hold after PAGEL Low
67
ns
tWLBX
BS2/1 Hold after WR Low
67
ns
tPLWL
PAGEL Low to WR Low
67
ns
tBVWL
BS1 Valid to WR Low
67
ns
tWLWH
WR Pulse Width Low
150
ns
tWLRL
WR Low to RDY/BSY Low
0
1
μs
tWLRH
WR Low to RDY/BSY High
(1)
3.7
4.5
ms
tWLRH_CE
WR Low to RDY/BSY High for Chip Erase
(2)
7.5
9
ms
tXLOL
XTAL1 Low to OE Low
0
ns
XTAL1
OE
ADDR0 (Low Byte)
DATA (Low Byte)
DATA (High Byte)
ADDR1 (Low Byte)
DATA
BS1
XA0
XA1
LOAD ADDRESS
(LOW BYTE)
READ DATA
(LOW BYTE)
READ DATA
(HIGH BYTE)
LOAD ADDRESS
(LOW BYTE)
t
BVDV
t
OLDV
t
XLOL
t
OHDZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com