Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega165 Datasheet(PDF) 255 Page - ATMEL Corporation

Part # ATmega165
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165 Datasheet(HTML) 255 Page - ATMEL Corporation

Back Button ATmega165 Datasheet HTML 251Page - ATMEL Corporation ATmega165 Datasheet HTML 252Page - ATMEL Corporation ATmega165 Datasheet HTML 253Page - ATMEL Corporation ATmega165 Datasheet HTML 254Page - ATMEL Corporation ATmega165 Datasheet HTML 255Page - ATMEL Corporation ATmega165 Datasheet HTML 256Page - ATMEL Corporation ATmega165 Datasheet HTML 257Page - ATMEL Corporation ATmega165 Datasheet HTML 258Page - ATMEL Corporation ATmega165 Datasheet HTML 259Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 336 page
background image
255
ATmega165/V
2573G–AVR–07/09
K: Repeat 3 through 5 until the entire buffer is filled.
L: Program EEPROM page
1.
Set BS to “0”.
2.
Give WR a negative pulse. This starts programming of the EEPROM page.
RDY/BSY goes low.
3.
Wait until to RDY/BSY goes high before programming the next page (See Figure
114 for signal waveforms).
Figure 114. Programming the EEPROM Waveforms
Reading the Flash
The algorithm for reading the Flash memory is as follows (refer to “Programming the
Flash” on page 252 for details on Command and Address loading):
1.
A: Load Command “0000 0010”.
2.
G: Load Address High Byte (0x00 - 0xFF).
3.
B: Load Address Low Byte (0x00 - 0xFF).
4.
Set OE to “0”, and BS1 to “0”. The Flash word low byte can now be read at DATA.
5.
Set BS to “1”. The Flash word high byte can now be read at DATA.
6.
Set OE to “1”.
Reading the EEPROM
The algorithm for reading the EEPROM memory is as follows (refer to “Programming the
Flash” on page 252 for details on Command and Address loading):
1.
A: Load Command “0000 0011”.
2.
G: Load Address High Byte (0x00 - 0xFF).
3.
B: Load Address Low Byte (0x00 - 0xFF).
4.
Set OE to “0”, and BS1 to “0”. The EEPROM Data byte can now be read at
DATA.
5.
Set OE to “1”.
RDY/BSY
WR
OE
RESET +12V
PAGEL
BS2
0x11
ADDR. HIGH
DATA
ADDR. LOW
DATA
ADDR. LOW
DATA
XX
XA1
XA0
BS1
XTAL1
XX
AG
B
C
E
B
C
E
L
K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com