Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega165 Datasheet(PDF) 264 Page - ATMEL Corporation

Part # ATmega165
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165 Datasheet(HTML) 264 Page - ATMEL Corporation

Back Button ATmega165 Datasheet HTML 260Page - ATMEL Corporation ATmega165 Datasheet HTML 261Page - ATMEL Corporation ATmega165 Datasheet HTML 262Page - ATMEL Corporation ATmega165 Datasheet HTML 263Page - ATMEL Corporation ATmega165 Datasheet HTML 264Page - ATMEL Corporation ATmega165 Datasheet HTML 265Page - ATMEL Corporation ATmega165 Datasheet HTML 266Page - ATMEL Corporation ATmega165 Datasheet HTML 267Page - ATMEL Corporation ATmega165 Datasheet HTML 268Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 336 page
background image
264
ATmega165/V
2573G–AVR–07/09
Table 114. Serial Programming Instruction Set
Instruction
Instruction Format
Operation
Byte 1
Byte 2
Byte 3
Byte4
Programming Enable
1010 1100
0101 0011
xxxx xxxx
xxxx xxxx
Enable Serial Programming after
RESET goes low.
Chip Erase
1010 1100
100x xxxx
xxxx xxxx
xxxx xxxx
Chip Erase EEPROM and Flash.
Read Program Memory
0010 H000
000a aaaa
bbbb bbbb
oooo oooo
Read H (high or low) data o from
Program memory at word address a:b.
Load Program Memory Page
0100 H000
000x xxxx
xxbb bbbb
iiii iiii
Write H (high or low) data i to Program
Memory page at word address b. Data
low byte must be loaded before Data
high byte is applied within the same
address.
Write Program Memory Page
0100 1100
000a aaaa
bb
xx xxxx
xxxx xxxx
Write Program Memory Page at
address a:b.
Read EEPROM Memory
1010 0000
000x xxaa
bbbb bbbb
oooo oooo
Read data o from EEPROM memory at
address a:b.
Write EEPROM Memory
1100 0000
000x xxaa
bbbb bbbb
iiii iiii
Write data i to EEPROM memory at
address a:b.
Load EEPROM Memory
Page (page access)
1100 0001
0000 0000
0000 00bb
iiii iiii
Load data i to EEPROM memory page
buffer. After data is loaded, program
EEPROM page.
Write EEPROM Memory
Page (page access)
1100 0010
00xx xxaa
bbbb bb00
xxxx xxxx
Write EEPROM page at address a:b.
Read Lock bits
0101 1000
0000 0000
xxxx xxxx
xxoo oooo
Read Lock bits. “0” = programmed, “1”
= unprogrammed. See Table 99 on
page 246 for details.
Write Lock bits
1010 1100
111x xxxx
xxxx xxxx
11ii iiii
Write Lock bits. Set bits = “0” to
program Lock bits. See Table 99 on
page 246 for details.
Read Signature Byte
0011 0000
000x xxxx
xxxx xxbb
oooo oooo
Read Signature Byte o at address b.
Write Fuse bits
1010 1100
1010 0000
xxxx xxxx
iiii iiii
Set bits = “0” to program, “1” to
unprogram. See Table 81 on page 201
for details.
Write Fuse High bits
1010 1100
1010 1000
xxxx xxxx
iiii iiii
Set bits = “0” to program, “1” to
unprogram. See Table 80 on page 194
for details.
Write Extended Fuse Bits
1010 1100
1010 0100
xxxx xxxx
xxxx iii1
Set bits = “0” to program, “1” to
unprogram. See
Table 101 on page
247 for details.
Read Fuse bits
0101 0000
0000 0000
xxxx xxxx
oooo oooo
Read Fuse bits. “0” = programmed, “1”
= unprogrammed. See Table 81 on
page 201 for details.
Read Fuse High bits
0101 1000
0000 1000
xxxx xxxx
oooo oooo
Read Fuse High bits. “0” = pro-
grammed, “1” = unprogrammed. See
Table 80 on page 194 for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com