Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega165 Datasheet(PDF) 268 Page - ATMEL Corporation

Part # ATmega165
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165 Datasheet(HTML) 268 Page - ATMEL Corporation

Back Button ATmega165 Datasheet HTML 264Page - ATMEL Corporation ATmega165 Datasheet HTML 265Page - ATMEL Corporation ATmega165 Datasheet HTML 266Page - ATMEL Corporation ATmega165 Datasheet HTML 267Page - ATMEL Corporation ATmega165 Datasheet HTML 268Page - ATMEL Corporation ATmega165 Datasheet HTML 269Page - ATMEL Corporation ATmega165 Datasheet HTML 270Page - ATMEL Corporation ATmega165 Datasheet HTML 271Page - ATMEL Corporation ATmega165 Datasheet HTML 272Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 268 / 336 page
background image
268
ATmega165/V
2573G–AVR–07/09
PROG_COMMANDS (0x5)
The AVR specific public JTAG instruction for entering programming commands via the
JTAG port. The 15-bit Programming Command Register is selected as Data Register.
The active states are the following:
•
Capture-DR: The result of the previous command is loaded into the Data Register.
•
Shift-DR: The Data Register is shifted by the TCK input, shifting out the result of the
previous command and shifting in the new command.
•
Update-DR: The programming command is applied to the Flash inputs
•
Run-Test/Idle: One clock cycle is generated, executing the applied command (not
always required, see Table 115 below).
PROG_PAGELOAD (0x6)
The AVR specific public JTAG instruction to directly load the Flash data page via the
JTAG port. An 8-bit Flash Data Byte Register is selected as the Data Register. This is
physically the 8 LSBs of the Programming Command Register. The active states are the
following:
•
Shift-DR: The Flash Data Byte Register is shifted by the TCK input.
•
Update-DR: The content of the Flash Data Byte Register is copied into a temporary
register. A write sequence is initiated that within 11 TCK cycles loads the content of
the temporary register into the Flash page buffer. The AVR automatically alternates
between writing the low and the high byte for each new Update-DR state, starting
with the low byte for the first Update-DR encountered after entering the
PROG_PAGELOAD command. The Program Counter is pre-incremented before
writing the low byte, except for the first written byte. This ensures that the first data is
written to the address set up by PROG_COMMANDS, and loading the last location
in the page buffer does not make the program counter increment into the next page.
PROG_PAGEREAD (0x7)
The AVR specific public JTAG instruction to directly capture the Flash content via the
JTAG port. An 8-bit Flash Data Byte Register is selected as the Data Register. This is
physically the 8 LSBs of the Programming Command Register. The active states are the
following:
•
Capture-DR: The content of the selected Flash byte is captured into the Flash Data
Byte Register. The AVR automatically alternates between reading the low and the
high byte for each new Capture-DR state, starting with the low byte for the first
Capture-DR encountered after entering the PROG_PAGEREAD command. The
Program Counter is post-incremented after reading each high byte, including the
first read byte. This ensures that the first data is captured from the first address set
up by PROG_COMMANDS, and reading the last location in the page makes the
program counter increment into the next page.
•
Shift-DR: The Flash Data Byte Register is shifted by the TCK input.
Data Registers
The Data Registers are selected by the JTAG instruction registers described in section
“Programming Specific JTAG Instructions” on page 266. The Data Registers relevant for
programming operations are:
•
Reset Register
•
Programming Enable Register
•
Programming Command Register
•
Flash Data Byte Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com