Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega165 Datasheet(PDF) 269 Page - ATMEL Corporation

Part # ATmega165
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165 Datasheet(HTML) 269 Page - ATMEL Corporation

Back Button ATmega165 Datasheet HTML 265Page - ATMEL Corporation ATmega165 Datasheet HTML 266Page - ATMEL Corporation ATmega165 Datasheet HTML 267Page - ATMEL Corporation ATmega165 Datasheet HTML 268Page - ATMEL Corporation ATmega165 Datasheet HTML 269Page - ATMEL Corporation ATmega165 Datasheet HTML 270Page - ATMEL Corporation ATmega165 Datasheet HTML 271Page - ATMEL Corporation ATmega165 Datasheet HTML 272Page - ATMEL Corporation ATmega165 Datasheet HTML 273Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 336 page
background image
269
ATmega165/V
2573G–AVR–07/09
Reset Register
The Reset Register is a Test Data Register used to reset the part during programming. It
is required to reset the part before entering Programming mode.
A high value in the Reset Register corresponds to pulling the external reset low. The
part is reset as long as there is a high value present in the Reset Register. Depending
on the Fuse settings for the clock options, the part will remain reset for a Reset Time-out
period (refer to “Clock Sources” on page 24) after releasing the Reset Register. The out-
put from this Data Register is not latched, so the reset will take place immediately, as
shown in Figure 100 on page 213.
Programming Enable Register
The Programming Enable Register is a 16-bit register. The contents of this register is
co mp are d
to
the
p r og ra mm ing
en ab le
s i g n a t ur e,
bina ry
cod e
0b1010_0011_0111_0000. When the contents of the register is equal to the program-
ming enable signature, programming via the JTAG port is enabled. The register is reset
to 0 on Power-on Reset, and should always be reset when leaving Programming mode.
Figure 123. Programming Enable Register
TDI
TDO
D
A
T
A
=
DQ
ClockDR & PROG_ENABLE
Programming Enable
0xA370



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com