Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega165 Datasheet(PDF) 265 Page - ATMEL Corporation

Part # ATmega165
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165 Datasheet(HTML) 265 Page - ATMEL Corporation

Back Button ATmega165 Datasheet HTML 261Page - ATMEL Corporation ATmega165 Datasheet HTML 262Page - ATMEL Corporation ATmega165 Datasheet HTML 263Page - ATMEL Corporation ATmega165 Datasheet HTML 264Page - ATMEL Corporation ATmega165 Datasheet HTML 265Page - ATMEL Corporation ATmega165 Datasheet HTML 266Page - ATMEL Corporation ATmega165 Datasheet HTML 267Page - ATMEL Corporation ATmega165 Datasheet HTML 268Page - ATMEL Corporation ATmega165 Datasheet HTML 269Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 336 page
background image
265
ATmega165/V
2573G–AVR–07/09
Note:a = address high bits, b = address low bits, H = 0 - Low byte, 1 - High Byte, o = data out, i = data in, x = don’t care
Read Extended Fuse Bits
0101 0000
0000 1000
xxxx xxxx
oooo oooo
Read Extended Fuse bits. “0” = pro-
grammed, “1” = unprogrammed. See
Table 101 on page 247
for details.
Read Calibration Byte
0011 1000
000x xxxx
0000 0000
oooo oooo
Read Calibration Byte
Poll RDY/BSY
1111 0000
0000 0000
xxxx xxxx
xxxx xxxo
If o = “1”, a programming operation is
still busy. Wait until this bit returns to
“0” before applying another command.
Table 114. Serial Programming Instruction Set
Instruction
Instruction Format
Operation
Byte 1
Byte 2
Byte 3
Byte4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com