Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega165 Datasheet(PDF) 290 Page - ATMEL Corporation

Part # ATmega165
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165 Datasheet(HTML) 290 Page - ATMEL Corporation

Back Button ATmega165 Datasheet HTML 286Page - ATMEL Corporation ATmega165 Datasheet HTML 287Page - ATMEL Corporation ATmega165 Datasheet HTML 288Page - ATMEL Corporation ATmega165 Datasheet HTML 289Page - ATMEL Corporation ATmega165 Datasheet HTML 290Page - ATMEL Corporation ATmega165 Datasheet HTML 291Page - ATMEL Corporation ATmega165 Datasheet HTML 292Page - ATMEL Corporation ATmega165 Datasheet HTML 293Page - ATMEL Corporation ATmega165 Datasheet HTML 294Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 336 page
background image
290
ATmega165/V
2573G–AVR–07/09
Figure 141. Idle Supply Current vs. V
CC (32 kHz Crystal)
Supply Current of I/O
modules
The tables and formulas below can be used to calculate the additional current consump-
tion for the different I/O modules in Active and Idle mode. The enabling or disabling of
the I/O modules are controlled by the Power Reduction Register. See “Power Reduction
Register” on page 34 for details.
It is possible to calculate the typical current consumption based on the numbers from
Table 121 for other V
CC and frequency settings than listed in Table 120.
IDLE SUPPLY CURRENT vs. VCC
32 kHz Crystal
25 ˚C
0
5
10
15
20
25
30
35
1.5
2
2.5
3
3.5
4
4.5
5
5.5
VCC (V)
Table 120.
Additional Current Consumption for the different I/O modules (absolute values)
PRR bit
Typical numbers
V
CC = 2V, F = 1MHz
V
CC = 3V, F = 4MHz
V
CC = 5V, F = 8MHz
PRADC
18 µA
116 µA
495 µA
PRUSART0
11µA
79 µA
313 µA
PRSPI
10 µA
72 µA
283 µA
PRTIM1
19 µA
117 µA
481 µA
Table 121.
Additional Current Consumption (percentage) in Active and Idle mode
PRR bit
Additional Current consumption
compared to Active with external
clock
(see Figure 132 and Figure 133)
Additional Current consumption
compared to Idle with external
clock
(see Figure 137 and Figure 138)
PRADC
5.6%
18.7%
PRUSART0
3.7%
12.4%
PRSPI
3.2%
10.8%
PRTIM1
5.6%
18.6%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com