Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega165 Datasheet(PDF) 292 Page - ATMEL Corporation

Part # ATmega165
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165 Datasheet(HTML) 292 Page - ATMEL Corporation

Back Button ATmega165 Datasheet HTML 288Page - ATMEL Corporation ATmega165 Datasheet HTML 289Page - ATMEL Corporation ATmega165 Datasheet HTML 290Page - ATMEL Corporation ATmega165 Datasheet HTML 291Page - ATMEL Corporation ATmega165 Datasheet HTML 292Page - ATMEL Corporation ATmega165 Datasheet HTML 293Page - ATMEL Corporation ATmega165 Datasheet HTML 294Page - ATMEL Corporation ATmega165 Datasheet HTML 295Page - ATMEL Corporation ATmega165 Datasheet HTML 296Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 292 / 336 page
background image
292
ATmega165/V
2573G–AVR–07/09
Figure 143. Power-down Supply Current vs. V
CC (Watchdog Timer Enabled)
Power-save Supply
Current
Figure 144. Power-save Supply Current vs. V
CC (Watchdog Timer Disabled)
The differential current consumption between Power-save with WD disabled and 32 kHz
TOSC represents the current drawn by Timer/Counter2.
POWER-DOWN SUPPLY CURRENT vs. VCC
WATCHDOG TIMER ENABLED
0
2
4
6
8
10
12
14
16
18
20
1.5
2
2.5
3
3.5
4
4.5
5
5.5
VCC (V)
85
°C
25
°C
-40
°C
POWER-SAVE SUPPLY CURRENT vs. VCC
WATCHDOG TIMER DISABLED
0
5
10
15
20
25
30
1.5
2
2.5
3
3.5
4
4.5
5
5.5
VCC (V)
85
°C
25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com