Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega165 Datasheet(PDF) 291 Page - ATMEL Corporation

Part # ATmega165
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165 Datasheet(HTML) 291 Page - ATMEL Corporation

Back Button ATmega165 Datasheet HTML 287Page - ATMEL Corporation ATmega165 Datasheet HTML 288Page - ATMEL Corporation ATmega165 Datasheet HTML 289Page - ATMEL Corporation ATmega165 Datasheet HTML 290Page - ATMEL Corporation ATmega165 Datasheet HTML 291Page - ATMEL Corporation ATmega165 Datasheet HTML 292Page - ATMEL Corporation ATmega165 Datasheet HTML 293Page - ATMEL Corporation ATmega165 Datasheet HTML 294Page - ATMEL Corporation ATmega165 Datasheet HTML 295Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 291 / 336 page
background image
291
ATmega165/V
2573G–AVR–07/09
Example 1
Calculate the expected current consumption in idle mode with USART0, TIMER1, and
SPI enabled at V
CC = 3.0V and F = 1MHz. From Table 121, second column, we see that
we need to add 12.4% for the USART0, 10.8% for the SPI, and 18.6% for the TIMER1
module. Reading from Figure 137, we find that the idle current consumption is ~0.18mA
at V
CC = 3.0V and F = 1MHz. The total current consumption in idle mode with USART0,
TIMER1, and SPI enabled, gives:
Example 2
Same conditions as in example 1, but in active mode instead. From Table 121, second
column we see that we need to add 3.7% for the USART0, 3.2% for the SPI, and 5.6%
for the TIMER1 module. Reading from Figure 132, we find that the active current con-
sumption is ~0.6mA at V
CC = 3.0V and F = 1MHz. The total current consumption in idle
mode with USART0, TIMER1, and SPI enabled, gives:
Example 3
All I/O modules should be enabled. Calculate the expected current consumption in
active mode at V
CC = 3.3V and F = 10MHz. We find the active current consumption with-
out the I/O modules to be ~ 5.6mA (from Figure 133). Then, by using the numbers from
Table 121 - first column, we find the total current consumption:
Power-down Supply
Current
Figure 142. Power-down Supply Current vs. V
CC (Watchdog Timer Disabled)
ICCtotal
0.18
mA
1
0.124
0.108
0.186
+++
()
•
0.26
mA
≈≈
ICCtotal
0.6
mA
1
0.037
0.032
0.056
++
+
()
•
0.68
mA
≈≈
ICCtotal
5.6
mA
1
0.056
0.037
0.032
0.056
0.059
+++++
()
•
6.9
mA
≈≈
POWER-DOWN SUPPLY CURRENT vs. VCC
WATCHDOG TIMER DISABLED
0
0.5
1
1.5
2
2.5
3
3.5
1.5
2
2.5
3
3.5
4
4.5
5
5.5
VCC (V)
85
°C
25
°C
-40
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com