Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega1284P Datasheet(PDF) 76 Page - ATMEL Corporation

Part # ATmega1284P
Description  8-bit Microcontroller with 128K Bytes In-System Programmable Flash
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega1284P Datasheet(HTML) 76 Page - ATMEL Corporation

Back Button ATmega1284P Datasheet HTML 72Page - ATMEL Corporation ATmega1284P Datasheet HTML 73Page - ATMEL Corporation ATmega1284P Datasheet HTML 74Page - ATMEL Corporation ATmega1284P Datasheet HTML 75Page - ATMEL Corporation ATmega1284P Datasheet HTML 76Page - ATMEL Corporation ATmega1284P Datasheet HTML 77Page - ATMEL Corporation ATmega1284P Datasheet HTML 78Page - ATMEL Corporation ATmega1284P Datasheet HTML 79Page - ATMEL Corporation ATmega1284P Datasheet HTML 80Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 380 page
background image
76
8059D–AVR–11/09
ATmega1284P
12.3
Alternate Port Functions
Most port pins have alternate functions in addition to being general digital I/Os. Figure 12-5
shows how the port pin control signals from the simplified Figure 12-2 on page 71 can be over-
ridden by alternate functions. The overriding signals may not be present in all port pins, but the
figure serves as a generic description applicable to all port pins in the AVR microcontroller
family.
Figure 12-5. Alternate Port Functions
(1)
Note:
1. WRx, WPx, WDx, RRx, RPx, and RDx are common to all pins within the same port. clkI/O,
SLEEP, and PUD are common to all ports. All other signals are unique for each pin.
clk
RPx
RRx
WRx
RDx
WDx
PUD
SYNCHRONIZER
WDx:
WRITE DDRx
WRx:
WRITE PORTx
RRx:
READ PORTx REGISTER
RPx:
READ PORTx PIN
PUD:
PULLUP DISABLE
clk
I/O:
I/O CLOCK
RDx:
READ DDRx
D
L
Q
Q
SET
CLR
0
1
0
1
0
1
DIxn
AIOxn
DIEOExn
PVOVxn
PVOExn
DDOVxn
DDOExn
PUOExn
PUOVxn
PUOExn:
Pxn PULL-UP OVERRIDE ENABLE
PUOVxn:
Pxn PULL-UP OVERRIDE VALUE
DDOExn:
Pxn DATA DIRECTION OVERRIDE ENABLE
DDOVxn:
Pxn DATA DIRECTION OVERRIDE VALUE
PVOExn:
Pxn PORT VALUE OVERRIDE ENABLE
PVOVxn:
Pxn PORT VALUE OVERRIDE VALUE
DIxn:
DIGITAL INPUT PIN n ON PORTx
AIOxn:
ANALOG INPUT/OUTPUT PIN n ON PORTx
RESET
RESET
Q
Q
D
CLR
Q
Q
D
CLR
Q
Q
D
CLR
PINxn
PORTxn
DDxn
0
1
DIEOVxn
SLEEP
DIEOExn:
Pxn DIGITAL INPUT-ENABLE OVERRIDE ENABLE
DIEOVxn:
Pxn DIGITAL INPUT-ENABLE OVERRIDE VALUE
SLEEP:
SLEEP CONTROL
Pxn
I/O
0
1
PTOExn
PTOExn:
Pxn, PORT TOGGLE OVERRIDE ENABLE
WPx:
WRITE PINx
WPx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com