Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega1284P Datasheet(PDF) 33 Page - ATMEL Corporation

Part # ATmega1284P
Description  8-bit Microcontroller with 128K Bytes In-System Programmable Flash
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega1284P Datasheet(HTML) 33 Page - ATMEL Corporation

Back Button ATmega1284P Datasheet HTML 29Page - ATMEL Corporation ATmega1284P Datasheet HTML 30Page - ATMEL Corporation ATmega1284P Datasheet HTML 31Page - ATMEL Corporation ATmega1284P Datasheet HTML 32Page - ATMEL Corporation ATmega1284P Datasheet HTML 33Page - ATMEL Corporation ATmega1284P Datasheet HTML 34Page - ATMEL Corporation ATmega1284P Datasheet HTML 35Page - ATMEL Corporation ATmega1284P Datasheet HTML 36Page - ATMEL Corporation ATmega1284P Datasheet HTML 37Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 380 page
background image
33
8059D–AVR–11/09
ATmega1284P
where:
Ce - is optional external capacitors as described in Figure 7-2 on page 29
Ci - is is the pin capacitance in Table 7-8 on page 32
CL - is the load capacitance for a 32.768 kHz crystal specified by the crystal vendor.
C
S - is the total stray capacitance for one TOSC pin.
Crystals specifying load capacitance (CL) higher than the ones given in the Table 7-8 on page
32, require external capacitors applied as described in Figure 7-2 on page 29.
Figure 7-3.
Crystal Oscillator Connections
Table 7-9.
Low-frequency Crystal Oscillator Internal load Capacitance
Crystals specifying load capacitance (CL) higher than 8.0 pF, require external capacitors applied
as described in Figure 7-2 on page 29.
To find suitable load capacitance for a 32.768 kHz crysal, please consult the crystal datasheet.
When this oscillator is selected, start-up times are determined by the SUT Fuses and CKSEL0
as shown in Table 7-10.
Note:
1. These options should only be used if frequency stability at start-up is not important for the
application.
Min. (pF)
Typ. (pF)
Max. (pF)
TBD
8.0
TBD
Table 7-10.
Start-up Times for the Low Frequency Crystal Oscillator Clock Selection
Power Conditions
Start-up Time from
Power-down and
Power-save
Additional Delay
from Reset
(VCC = 5.0V)
CKSEL0
SUT1..0
BOD enabled
1K CK
14CK(1)
000
Fast rising power
1K CK
14CK + 4.1 ms(1)
001
Slowly rising power
1K CK
14CK + 65 ms(1)
010
Reserved
0
11
BOD enabled
32K CK
14CK
1
00
Fast rising power
32K CK
14CK + 4.1 ms
1
01
Slowly rising power
32K CK
14CK + 65 ms
1
10
Reserved
1
11
TOSC2
TOSC1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com