Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega1284P Datasheet(PDF) 12 Page - ATMEL Corporation

Part # ATmega1284P
Description  8-bit Microcontroller with 128K Bytes In-System Programmable Flash
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega1284P Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button ATmega1284P Datasheet HTML 8Page - ATMEL Corporation ATmega1284P Datasheet HTML 9Page - ATMEL Corporation ATmega1284P Datasheet HTML 10Page - ATMEL Corporation ATmega1284P Datasheet HTML 11Page - ATMEL Corporation ATmega1284P Datasheet HTML 12Page - ATMEL Corporation ATmega1284P Datasheet HTML 13Page - ATMEL Corporation ATmega1284P Datasheet HTML 14Page - ATMEL Corporation ATmega1284P Datasheet HTML 15Page - ATMEL Corporation ATmega1284P Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 380 page
background image
12
8059D–AVR–11/09
ATmega1284P
5.5.1
SPH and SPL – Stack Pointer High and Stack pointer Low
5.5.2
RAMPZ – Extended Z-pointer Register for ELPM/SPM
For ELPM/SPM instructions, the Z-pointer is a concatenation of RAMPZ, ZH, and ZL, as shown
in Figure 5-4. Note that LPM is not affected by the RAMPZ setting.
Figure 5-4.
The Z-pointer used by ELPM and SPM
The actual number of bits is implementation dependent. Unused bits in an implementation will
always read as zero. For compatibility with future devices, be sure to write these bits to zero.
5.6
Instruction Execution Timing
This section describes the general access timing concepts for instruction execution. The AVR
CPU is driven by the CPU clock clk
CPU, directly generated from the selected clock source for the
chip. No internal clock division is used.
Figure 5-5 on page 13 shows the parallel instruction fetches and instruction executions enabled
by the Harvard architecture and the fast-access Register File concept. This is the basic pipelin-
ing concept to obtain up to 1 MIPS per MHz with the corresponding unique results for functions
per cost, functions per clocks, and functions per power-unit.
Bit
151413121110
9
8
0x3E (0x5E)
–
–
–
SP12
SP11
SP10
SP9
SP8
SPH
0x3D (0x5D)
SP7
SP6
SP5
SP4
SP3
SP2
SP1
SP0
SPL
765
432
10
Read/Write
R
R
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
1
0
0
0
0
111
111
11
Bit
7
65432
1
0
0x3B (0x5B)
RAMPZ7
RAMPZ6
RAMPZ5
RAMPZ4
RAMPZ3
RAMPZ2
RAMPZ1
RAMPZ0
RAMPZ
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
00000
0
0
Bit (
Individually)
70
7
0
7
0
RAMPZ
ZH
ZL
Bit (Z-pointer)
23
16
15
8
7
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com