Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega1284P Datasheet(PDF) 51 Page - ATMEL Corporation

Part # ATmega1284P
Description  8-bit Microcontroller with 128K Bytes In-System Programmable Flash
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega1284P Datasheet(HTML) 51 Page - ATMEL Corporation

Back Button ATmega1284P Datasheet HTML 47Page - ATMEL Corporation ATmega1284P Datasheet HTML 48Page - ATMEL Corporation ATmega1284P Datasheet HTML 49Page - ATMEL Corporation ATmega1284P Datasheet HTML 50Page - ATMEL Corporation ATmega1284P Datasheet HTML 51Page - ATMEL Corporation ATmega1284P Datasheet HTML 52Page - ATMEL Corporation ATmega1284P Datasheet HTML 53Page - ATMEL Corporation ATmega1284P Datasheet HTML 54Page - ATMEL Corporation ATmega1284P Datasheet HTML 55Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 380 page
background image
51
8059D–AVR–11/09
ATmega1284P
9.1.4
Brown-out Detection
ATmega1284P has an On-chip Brown-out Detection (BOD) circuit for monitoring the V
CC level
during operation by comparing it to a fixed trigger level. The trigger level for the BOD can be
selected by the BODLEVEL Fuses. The trigger level has a hysteresis to ensure spike free
Brown-out Detection. The hysteresis on the detection level should be interpreted as V
BOT+ =
V
BOT + VHYST/2 and VBOT- = VBOT - VHYST/2.
When the BOD is enabled, and V
CC decreases to a value below the trigger level (VBOT- in Figure
9-5 on page 51), the Brown-out Reset is immediately activated. When V
CC increases above the
trigger level (V
BOT+ in Figure 9-5 on page 51), the delay counter starts the MCU after the Time-
out period t
TOUT has expired.
The BOD circuit will only detect a drop in V
CC if the voltage stays below the trigger level for lon-
ger than t
BOD given in ”System and Reset Characteristics” on page 327.
Figure 9-5.
Brown-out Reset During Operation
9.1.5
Watchdog Reset
When the Watchdog times out, it will generate a short reset pulse of one CK cycle duration. On
the falling edge of this pulse, the delay timer starts counting the Time-out period t
TOUT. Refer to
page 59 for details on operation of the Watchdog Timer.
Figure 9-6.
Watchdog Reset During Operation
VCC
RESET
TIME-OUT
INTERNAL
RESET
VBOT-
VBOT+
tTOUT
CK
CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com