Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega1284P Datasheet(PDF) 87 Page - ATMEL Corporation

Part # ATmega1284P
Description  8-bit Microcontroller with 128K Bytes In-System Programmable Flash
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega1284P Datasheet(HTML) 87 Page - ATMEL Corporation

Back Button ATmega1284P Datasheet HTML 83Page - ATMEL Corporation ATmega1284P Datasheet HTML 84Page - ATMEL Corporation ATmega1284P Datasheet HTML 85Page - ATMEL Corporation ATmega1284P Datasheet HTML 86Page - ATMEL Corporation ATmega1284P Datasheet HTML 87Page - ATMEL Corporation ATmega1284P Datasheet HTML 88Page - ATMEL Corporation ATmega1284P Datasheet HTML 89Page - ATMEL Corporation ATmega1284P Datasheet HTML 90Page - ATMEL Corporation ATmega1284P Datasheet HTML 91Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 380 page
background image
87
8059D–AVR–11/09
ATmega1284P
The alternate pin configuration is as follows:
• OC2A/PCINT31 – Port D, Bit 7
OC2A, Output Compare Match A output: The PD7 pin can serve as an external output for the
Timer/Counter2 Output Compare A. The pin has to be configured as an output (DDD7 set (one))
to serve this function. The OC2A pin is also the output pin for the PWM mode timer function.
PCINT31, Pin Change Interrupt Source 31:The PD7 pin can serve as an external interrupt
source.
• ICP1/OC2B/PCINT30 – Port D, Bit 6
ICP1, Input Capture Pin 1: The PD6 pin can act as an input capture pin for Timer/Counter1.
OC2B, Output Compare Match B output: The PD6 pin can serve as an external output for the
Timer/Counter2 Output Compare B. The pin has to be configured as an output (DDD6 set (one))
to serve this function. The OC2B pin is also the output pin for the PWM mode timer function.
PCINT30, Pin Change Interrupt Source 30: The PD6 pin can serve as an external interrupt
source.
• OC1A/PCINT29 – Port D, Bit 5
OC1A, Output Compare Match A output: The PD5 pin can serve as an external output for the
Timer/Counter1 Output Compare A. The pin has to be configured as an output (DDD5 set (one))
to serve this function. The OC1A pin is also the output pin for the PWM mode timer function.
PCINT29, Pin Change Interrupt Source 29: The PD5 pin can serve as an external interrupt
source.
• OC1B/XCK1/PCINT28 – Port D, Bit 4
OC1B, Output Compare Match B output: The PB4 pin can serve as an external output for the
Timer/Counter1 Output Compare B. The pin has to be configured as an output (DDD4 set (one))
to serve this function. The OC1B pin is also the output pin for the PWM mode timer function.
XCK1, USART1 External clock. The Data Direction Register (DDB4) controls whether the clock
is output (DDD4 set “one”) or input (DDD4 cleared). The XCK4 pin is active only when the
USART1 operates in Synchronous mode.
PCINT28, Pin Change Interrupt Source 28: The PD4 pin can serve as an external interrupt
source.
• INT1/TXD1/PCINT27 – Port D, Bit 3
INT1, External Interrupt source 1. The PD3 pin can serve as an external interrupt source to the
MCU.
TXD1, Transmit Data (Data output pin for the USART1). When the USART1 Transmitter is
enabled, this pin is configured as an output regardless of the value of DDD3.
PCINT27, Pin Change Interrupt Source 27: The PD3 pin can serve as an external interrupt
source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com