Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega1284P Datasheet(PDF) 31 Page - ATMEL Corporation

Part # ATmega1284P
Description  8-bit Microcontroller with 128K Bytes In-System Programmable Flash
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega1284P Datasheet(HTML) 31 Page - ATMEL Corporation

Back Button ATmega1284P Datasheet HTML 27Page - ATMEL Corporation ATmega1284P Datasheet HTML 28Page - ATMEL Corporation ATmega1284P Datasheet HTML 29Page - ATMEL Corporation ATmega1284P Datasheet HTML 30Page - ATMEL Corporation ATmega1284P Datasheet HTML 31Page - ATMEL Corporation ATmega1284P Datasheet HTML 32Page - ATMEL Corporation ATmega1284P Datasheet HTML 33Page - ATMEL Corporation ATmega1284P Datasheet HTML 34Page - ATMEL Corporation ATmega1284P Datasheet HTML 35Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 380 page
background image
31
8059D–AVR–11/09
ATmega1284P
Notes:
1. These options should only be used when not operating close to the maximum frequency of the
device, and only if frequency stability at start-up is not important for the application. These
options are not suitable for crystals.
2. These options are intended for use with ceramic resonators and will ensure frequency stability
at start-up. They can also be used with crystals when not operating close to the maximum fre-
quency of the device, and if frequency stability at start-up is not important for the application.
7.4
Full Swing Crystal Oscillator
This Crystal Oscillator is a full swing oscillator, with rail-to-rail swing on the XTAL2 output. This is
useful for driving other clock inputs and in noisy environments. The current consumption is
higher than the ”Low Power Crystal Oscillator” on page 30. Note that the Full Swing Crystal
Oscillator will only operate for Vcc = 2.7 - 5.5 volts.
Some initial guidelines for choosing capacitors for use with crystals are given in Table 7-6. The
crystal should be connected as described in ”Clock Source Connections” on page 29.
The operating mode is selected by the fuses CKSEL3..1 as shown in Table 7-5.
Notes:
1. The frequency ranges are preliminary values. Actual values are TBD.
2. If 8 MHz frequency exceeds the specification of the device (depends on V
CC), the CKDIV8
Fuse can be programmed in order to divide the internal frequency by 8. It must be ensured
that the resulting divided clock meets the frequency specification of the device.
Crystal Oscillator, BOD
enabled
16K CK
14CK
1
01
Crystal Oscillator, fast
rising power
16K CK
14CK + 4.1 ms
1
10
Crystal Oscillator, slowly
rising power
16K CK
14CK + 65 ms
1
11
Table 7-4.
Start-up Times for the Low Power Crystal Oscillator Clock Selection (Continued)
Oscillator Source /
Power Conditions
Start-up Time from
Power-down and
Power-save
Additional Delay
from Reset
(V
CC = 5.0V)
CKSEL0
SUT1..0
Table 7-5.
Full Swing Crystal Oscillator operating modes
(2)
Frequency Range(1) (MHz)
CKSEL3..1
Recommended Range for Capacitors C1
and C2 (pF)
0.4 - 20
011
12 - 22
Table 7-6.
Start-up Times for the Full Swing Crystal Oscillator Clock Selection
Oscillator Source /
Power Conditions
Start-up Time from
Power-down and
Power-save
Additional Delay
from Reset
(VCC = 5.0V)
CKSEL0
SUT1..0
Ceramic resonator, fast
rising power
258 CK
14CK + 4.1 ms(1)
000
Ceramic resonator, slowly
rising power
258 CK
14CK + 65 ms(1)
001
Ceramic resonator, BOD
enabled
1K CK
14CK(2)
010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com