Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega1284P Datasheet(PDF) 82 Page - ATMEL Corporation

Part # ATmega1284P
Description  8-bit Microcontroller with 128K Bytes In-System Programmable Flash
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega1284P Datasheet(HTML) 82 Page - ATMEL Corporation

Back Button ATmega1284P Datasheet HTML 78Page - ATMEL Corporation ATmega1284P Datasheet HTML 79Page - ATMEL Corporation ATmega1284P Datasheet HTML 80Page - ATMEL Corporation ATmega1284P Datasheet HTML 81Page - ATMEL Corporation ATmega1284P Datasheet HTML 82Page - ATMEL Corporation ATmega1284P Datasheet HTML 83Page - ATMEL Corporation ATmega1284P Datasheet HTML 84Page - ATMEL Corporation ATmega1284P Datasheet HTML 85Page - ATMEL Corporation ATmega1284P Datasheet HTML 86Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 380 page
background image
82
8059D–AVR–11/09
ATmega1284P
CLKO, Divided System Clock: The divided system clock can be output on the PB1 pin. The
divided system clock will be output if the CKOUT Fuse is programmed, regardless of the
PORTB1 and DDB1 settings. It will also be output during reset.
PCINT9, Pin Change Interrupt source 9: The PB1 pin can serve as an external interrupt source.
• T0/XCK0/PCINT8, Bit 0
T0, Timer/Counter0 counter source.
XCK0, USART0 External clock. The Data Direction Register (DDB0) controls whether the clock
is output (DDD0 set “one”) or input (DDD0 cleared). The XCK0 pin is active only when the
USART0 operates in Synchronous mode.
PCINT8, Pin Change Interrupt source 8: The PB0 pin can serve as an external interrupt source.
Table 12-7 and Table 12-8 relate the alternate functions of Port B to the overriding signals
shown in Figure 12-5 on page 76. SPI MSTR INPUT and SPI SLAVE OUTPUT constitute the
MISO signal, while MOSI is divided into SPI MSTR OUTPUT and SPI SLAVE INPUT. .
Table 12-7.
Overriding Signals for Alternate Functions in PB7:PB4
Signal
Name
PB7/SCK/
OC3B/PCINT15
PB6/MISO/
OC3A/PCINT14
PB5/MOSI/
ICP3/PCINT13
PB4/SS/OC0B/
PCINT12
PUOE
SPE • MSTR
SPE • MSTR
SPE • MSTR
SPE • MSTR
PUOV
PORTB7 • PUD
PORTB14 • PUD
PORTB13 • PUD
PORTB12 • PUD
DDOE
SPE • MSTR
SPE • MSTR
SPE • MSTR
SPE • MSTR
DDOV
0
0
0
0
PVOE
SPE • MSTR
OC3B ENABLE
SPE • MSTR
OC3A ENABLE
SPE • MSTR
OC0A ENABLE
PVOV
SCK OUTPUT
OC3B
SPI SLAVE OUTPUT
OC3A
SPI MSTR OUTPUT
OC0A
DIEOE
PCINT15 • PCIE1
PCINT14 • PCIE1
PCINT13 • PCIE1
PCINT4 • PCIE1
DIEOV
1
1
1
1
DI
SCK INPUT
PCINT17 INPUT
SPI MSTR INPUT
PCINT14 INPUT
SPI SLAVE INPUT
PCINT13 INPUT
ICP3 INPUT
SPI SS
PCINT12 INPUT
AIO
–
–
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com