Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega1284P Datasheet(PDF) 89 Page - ATMEL Corporation

Part # ATmega1284P
Description  8-bit Microcontroller with 128K Bytes In-System Programmable Flash
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega1284P Datasheet(HTML) 89 Page - ATMEL Corporation

Back Button ATmega1284P Datasheet HTML 85Page - ATMEL Corporation ATmega1284P Datasheet HTML 86Page - ATMEL Corporation ATmega1284P Datasheet HTML 87Page - ATMEL Corporation ATmega1284P Datasheet HTML 88Page - ATMEL Corporation ATmega1284P Datasheet HTML 89Page - ATMEL Corporation ATmega1284P Datasheet HTML 90Page - ATMEL Corporation ATmega1284P Datasheet HTML 91Page - ATMEL Corporation ATmega1284P Datasheet HTML 92Page - ATMEL Corporation ATmega1284P Datasheet HTML 93Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 380 page
background image
89
8059D–AVR–11/09
ATmega1284P
Note:
1. When enabled, the 2-wire Serial Interface enables Slew-Rate controls on the output pins PD0
and PD1. This is not shown in this table. In addition, spike filters are connected between the
AIO outputs shown in the port figure and the digital logic of the TWI module.
Table 12-14. Overriding Signals for Alternate Functions in PD3:PD0(1)
Signal Name
PD3/INT1/TXD1/
PCINT27
PD2/INT0/RXD1/
PCINT26
PD1/TXD0/
PCINT25
PD0/RXD0/
PCINT27/T3
PUOE
0
TXEN
RXEN
PUOV
0
PORTD2 • PUD
PORTD1 • PUD
PORTD0 • PUD
DDOE
0
RXEN1
TXEN
RXEN
DDOV
0
0
SDA_OUT
SCL_OUT
PVOE
0
0
TWEN
TWEN
PVOV
000
0
DIEOE
INT1 ENABLE
PCINT27 • PCIE3
INT2 ENABLE
PCINT26 • PCIE3
INT1 ENABLE
PCINT25 • PCIE3
INT0 ENABLE
PCINT24 • PCIE3
DIEOV
111
1
DI
INT1 INPUT
PCINT27 INPUT
INT0 INPUT
PCINT27 INPUT
TXD
PCINT25 INPUT
RXD
PCINT24 INPUT
T3 INPUT
AIO
–––
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com