Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega1284P Datasheet(PDF) 36 Page - ATMEL Corporation

Part # ATmega1284P
Description  8-bit Microcontroller with 128K Bytes In-System Programmable Flash
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega1284P Datasheet(HTML) 36 Page - ATMEL Corporation

Back Button ATmega1284P Datasheet HTML 32Page - ATMEL Corporation ATmega1284P Datasheet HTML 33Page - ATMEL Corporation ATmega1284P Datasheet HTML 34Page - ATMEL Corporation ATmega1284P Datasheet HTML 35Page - ATMEL Corporation ATmega1284P Datasheet HTML 36Page - ATMEL Corporation ATmega1284P Datasheet HTML 37Page - ATMEL Corporation ATmega1284P Datasheet HTML 38Page - ATMEL Corporation ATmega1284P Datasheet HTML 39Page - ATMEL Corporation ATmega1284P Datasheet HTML 40Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 380 page
background image
36
8059D–AVR–11/09
ATmega1284P
When applying an external clock, it is required to avoid sudden changes in the applied clock fre-
quency to ensure stable operation of the MCU. A variation in frequency of more than 2% from
one clock cycle to the next can lead to unpredictable behavior. If changes of more than 2% is
required, ensure that the MCU is kept in Reset during the changes.
Note that the System Clock Prescaler can be used to implement run-time changes of the internal
clock frequency while still ensuring stable operation. Refer to ”System Clock Prescaler” on page
36 for details.
7.9
Timer/Counter Oscillator
ATmega1284P uses the same type of crystal oscillator for Low-frequency Crystal Oscillator and
Timer/Counter Oscillator. See ”Low Frequency Crystal Oscillator” on page 32 for details on the
oscillator and crystal requirements.
The device can operate its Timer/Counter2 from an external 32.768 kHz watch crystal or a exter-
nal clock source. See ”Clock Source Connections” on page 29 for details.
Applying an external clock source to TOSC1 can be done if EXTCLK in the ASSR Register is
written to logic one. See ”The Output Compare Register B contains an 8-bit value that is contin-
uously compared with the counter value (TCNT2). A match can be used to generate an Output
Compare interrupt, or to generate a waveform output on the OC2B pin.” on page 158 for further
description on selecting external clock as input instead of a 32.768 kHz watch crystal.
7.10
Clock Output Buffer
The device can output the system clock on the CLKO pin. To enable the output, the CKOUT
Fuse has to be programmed. This mode is suitable when the chip clock is used to drive other cir-
cuits on the system. The clock also will be output during reset, and the normal operation of I/O
pin will be overridden when the fuse is programmed. Any clock source, including the internal RC
Oscillator, can be selected when the clock is output on CLKO. If the System Clock Prescaler is
used, it is the divided system clock that is output.
7.11
System Clock Prescaler
The ATmega1284P has a system clock prescaler, and the system clock can be divided by set-
ting the ”CLKPR – Clock Prescale Register” on page 38. This feature can be used to decrease
the system clock frequency and the power consumption when the requirement for processing
power is low. This can be used with all clock source options, and it will affect the clock frequency
of the CPU and all synchronous peripherals. clk
I/O, clkADC, clkCPU, and clkFLASH are divided by a
factor as shown in Table 7-17 on page 39.
When switching between prescaler settings, the System Clock Prescaler ensures that no
glitches occurs in the clock system. It also ensures that no intermediate frequency is higher than
Table 7-16.
Start-up Times for the External Clock Selection
Power Conditions
Start-up Time from Power-
down and Power-save
Additional Delay from
Reset (V
CC = 5.0V)
SUT1..0
BOD enabled
6 CK
14CK
00
Fast rising power
6 CK
14CK + 4.1 ms
01
Slowly rising power
6 CK
14CK + 65 ms
10
Reserved
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com