Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega1284P Datasheet(PDF) 34 Page - ATMEL Corporation

Part # ATmega1284P
Description  8-bit Microcontroller with 128K Bytes In-System Programmable Flash
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega1284P Datasheet(HTML) 34 Page - ATMEL Corporation

Back Button ATmega1284P Datasheet HTML 30Page - ATMEL Corporation ATmega1284P Datasheet HTML 31Page - ATMEL Corporation ATmega1284P Datasheet HTML 32Page - ATMEL Corporation ATmega1284P Datasheet HTML 33Page - ATMEL Corporation ATmega1284P Datasheet HTML 34Page - ATMEL Corporation ATmega1284P Datasheet HTML 35Page - ATMEL Corporation ATmega1284P Datasheet HTML 36Page - ATMEL Corporation ATmega1284P Datasheet HTML 37Page - ATMEL Corporation ATmega1284P Datasheet HTML 38Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 380 page
background image
34
8059D–AVR–11/09
ATmega1284P
7.6
Calibrated Internal RC Oscillator
By default, the Internal RC Oscillator provides an approximate 8 MHz clock. Though voltage and
temperature dependent, this clock can be very accurately calibrated by the the user. See Table
26-1 on page 326 for more details. The device is shipped with the CKDIV8 Fuse programmed.
See ”System Clock Prescaler” on page 36 for more details.
This clock may be selected as the system clock by programming the CKSEL Fuses as shown in
Table 7-11. If selected, it will operate with no external components. During reset, hardware loads
the pre-programmed calibration value into the OSCCAL Register and thereby automatically cal-
ibrates the RC Oscillator. The accuracy of this calibration is shown as Factory calibration in
Table 26-1 on page 326.
By changing the OSCCAL register from SW, see ”OSCCAL – Oscillator Calibration Register” on
page 38, it is possible to get a higher calibration accuracy than by using the factory calibration.
The accuracy of this calibration is shown as User calibration in Table 26-1 on page 326.
When this Oscillator is used as the chip clock, the Watchdog Oscillator will still be used for the
Watchdog Timer and for the Reset Time-out. For more information on the pre-programmed cali-
bration value, see the section ”Calibration Byte” on page 294.
Notes:
1. The device is shipped with this option selected.
2. The frequency ranges are preliminary values. Actual values are TBD.
3. If 8 MHz frequency exceeds the specification of the device (depends on V
CC), the CKDIV8
Fuse can be programmed in order to divide the internal frequency by 8.
When this Oscillator is selected, start-up times are determined by the SUT Fuses as shown in
Table 7-12 on page 34.
Note:
1.
The device is shipped with this option selected.
Table 7-11.
Internal Calibrated RC Oscillator Operating Modes
(1)(3)
Frequency Range(2) (MHz)
CKSEL3..0
7.3 - 8.1
0010
Table 7-12.
Start-up times for the Internal Calibrated RC Oscillator clock selection
Power Conditions
Start-up Time from Power-
down and Power-save
Additional Delay from
Reset (V
CC = 5.0V)
SUT1..0
BOD enabled
6 CK
14CK
00
Fast rising power
6 CK
14CK + 4.1 ms
01
Slowly rising power
6 CK
14CK + 65 ms(1)
10
Reserved
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com