Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega1284P Datasheet(PDF) 80 Page - ATMEL Corporation

Part # ATmega1284P
Description  8-bit Microcontroller with 128K Bytes In-System Programmable Flash
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega1284P Datasheet(HTML) 80 Page - ATMEL Corporation

Back Button ATmega1284P Datasheet HTML 76Page - ATMEL Corporation ATmega1284P Datasheet HTML 77Page - ATMEL Corporation ATmega1284P Datasheet HTML 78Page - ATMEL Corporation ATmega1284P Datasheet HTML 79Page - ATMEL Corporation ATmega1284P Datasheet HTML 80Page - ATMEL Corporation ATmega1284P Datasheet HTML 81Page - ATMEL Corporation ATmega1284P Datasheet HTML 82Page - ATMEL Corporation ATmega1284P Datasheet HTML 83Page - ATMEL Corporation ATmega1284P Datasheet HTML 84Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 380 page
background image
80
8059D–AVR–11/09
ATmega1284P
12.3.2
Alternate Functions of Port B
The Port B pins with alternate functions are shown in Table 12-6.
The alternate pin configuration is as follows:
• SCK/OC3B/PCINT15 – Port B, Bit 7
SCK: Master Clock output, Slave Clock input pin for SPI channel. When the SPI is enabled as a
slave, this pin is configured as an input regardless of the setting of DDB7. When the SPI0 is
enabled as a master, the data direction of this pin is controlled by DDB7. When the pin is forced
to be an input, the pull-up can still be controlled by the PORTB7 bit.
OC3B, Output Compare Match B output: The PB7 pin can serve as an external output for the
Timer/Counter3 Output Compare. The pin has to be configured as an output (DDB7 set “one”) to
serve this function. The OC3B pin is also the output pin for the PWM mode timer function.
PCINT15, Pin Change Interrupt source 15: The PB7 pin can serve as an external interrupt
source.
• MISO/OC3A/PCINT14 – Port B, Bit 6
MISO: Master Data input, Slave Data output pin for SPI channel. When the SPI is enabled as a
master, this pin is configured as an input regardless of the setting of DDB6. When the SPI is
enabled as a slave, the data direction of this pin is controlled by DDB6. When the pin is forced to
be an input, the pull-up can still be controlled by the PORTB6 bit.
Table 12-6.
Port B Pins Alternate Functions
Port Pin
Alternate Functions
PB7
SCK (SPI Bus Master clock input)
OC3B (Timer/Conter 3 Output Compare Match B Output)
PCINT15 (Pin Change Interrupt 15)
PB6
MISO (SPI Bus Master Input/Slave Output)
OC3A (Timer/Conter 3 Output Compare Match A Output)
PCINT14 (Pin Change Interrupt 14)
PB5
MOSI (SPI Bus Master Output/Slave Input)
ICP3 (Timer/Counter3 Input Capture Trigger)
PCINT13 (Pin Change Interrupt 13)
PB4
SS (SPI Slave Select input)
OC0B (Timer/Conter 0 Output Compare Match B Output)
PCINT12 (Pin Change Interrupt 12)
PB3
AIN1 (Analog Comparator Negative Input)
OC0A (Timer/Conter 0 Output Compare Match A Output)
PCINT11 (Pin Change Interrupt 11)
PB2
AIN0 (Analog Comparator Positive Input)
INT2 (External Interrupt 2 Input)
PCINT10 (Pin Change Interrupt 10)
PB1
T1 (Timer/Counter 1 External Counter Input)
CLKO (Divided System Clock Output)
PCINT9 (Pin Change Interrupt 9)
PB0
T0 (Timer/Counter 0 External Counter Input)
XCK0 (USART0 External Clock Input/Output)
PCINT8 (Pin Change Interrupt 8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com