Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega1284P Datasheet(PDF) 32 Page - ATMEL Corporation

Part # ATmega1284P
Description  8-bit Microcontroller with 128K Bytes In-System Programmable Flash
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega1284P Datasheet(HTML) 32 Page - ATMEL Corporation

Back Button ATmega1284P Datasheet HTML 28Page - ATMEL Corporation ATmega1284P Datasheet HTML 29Page - ATMEL Corporation ATmega1284P Datasheet HTML 30Page - ATMEL Corporation ATmega1284P Datasheet HTML 31Page - ATMEL Corporation ATmega1284P Datasheet HTML 32Page - ATMEL Corporation ATmega1284P Datasheet HTML 33Page - ATMEL Corporation ATmega1284P Datasheet HTML 34Page - ATMEL Corporation ATmega1284P Datasheet HTML 35Page - ATMEL Corporation ATmega1284P Datasheet HTML 36Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 380 page
background image
32
8059D–AVR–11/09
ATmega1284P
Notes:
1. These options should only be used when not operating close to the maximum frequency of the
device, and only if frequency stability at start-up is not important for the application. These
options are not suitable for crystals.
2. These options are intended for use with ceramic resonators and will ensure frequency stability
at start-up. They can also be used with crystals when not operating close to the maximum fre-
quency of the device, and if frequency stability at start-up is not important for the application.
7.5
Low Frequency Crystal Oscillator
The Low-frequency Crystal Oscillator is optimized for use with a 32.768 kHz watch crystal.
When selecting crystals, load capasitance and crystal’s Equivalent Series Resistance, ESR
must be taken into consideration. Both values are specified by the crystal vendor.
ATmega1284P oscillator is optimized for very low power consumption, and thus when selecting
crystals, see Table 7-7 on page 32 for maximum ESR recommendations on 9 pF and 12.5 pF
crystals
Table 7-7.
Maximum ESR Recommendation for 32.768 kHz Watch Crystal
Note:
1. Maximum ESR is typical value based on characterization
The Low-frequency Crystal Oscillator provides an internal load capacitance, see Table 7-8 on
page 32 at each TOSC pin.
The capacitance (Ce + Ci) needed at each TOSC pin can be calculated by using:
Ceramic resonator, fast
rising power
1K CK
14CK + 4.1 ms(2)
011
Ceramic resonator, slowly
rising power
1K CK
14CK + 65 ms(2)
100
Crystal Oscillator, BOD
enabled
16K CK
14CK
1
01
Crystal Oscillator, fast
rising power
16K CK
14CK + 4.1 ms
1
10
Crystal Oscillator, slowly
rising power
16K CK
14CK + 65 ms
1
11
Table 7-6.
Start-up Times for the Full Swing Crystal Oscillator Clock Selection
Oscillator Source /
Power Conditions
Start-up Time from
Power-down and
Power-save
Additional Delay
from Reset
(V
CC = 5.0V)
CKSEL0
SUT1..0
Crystal CL (pF)
Max ESR [k
Ω](1)
9.0
65
12.5
30
Table 7-8.
Capacitance for Low-frequency Crystal Oscillator
Device
32kHz Osc. Type
Cap(Xtal1/Tosc1)
Cap(Xtal2/Tosc2)
ATmega1284P
System Osc.
18 pF
8 pF
Timer Osc.
6 pF
6 pF
Ce
Ci
+
2 CL
⋅
C
s
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com