Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXMEGA64A1 Datasheet(PDF) 63 Page - ATMEL Corporation

Part # ATXMEGA64A1
Description  8/16-bit XMEGA A1 Microcontroller
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA64A1 Datasheet(HTML) 63 Page - ATMEL Corporation

Back Button ATXMEGA64A1 Datasheet HTML 59Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 60Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 61Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 62Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 63Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 64Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 65Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 66Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 67Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 99 page
background image
63
8067I–AVR–04/09
XMEGA A1
32.3
100C2
TITLE
DRAWING NO.
GPC
REV.
Package Drawing Contact:
packagedrawings@atmel.com
100C2
CIF
A
100C2, 100-ball (10 x 10 Array), 0.65 mm Pitch,
7.0 x 7.0 x 1.0 mm, Very Thin, Fine-Pitch
Ball Grid Array Package (VFBGA)
12/23/08
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
A
–
–
1.00
A1
0.20
–
–
A2
0.65
–
–
D
6.90
7.00
7.10
D1
5.85 BSC
E
6.90
7.00
7.10
E1
5.85 BSC
b
0.30
0.35
0.40
e
0.65 BSC
TOP VIEW
SIDE VIEW
A1 BALL ID
J
I
H
G
F
E
D
C
B
A
12
3
4
5
6
7
8
9
10
A
A1
A2
D
E
0.10
E1
D1
100 - Ø0.35 ± 0.05
e
A1 BALL CORNER
BOTTOM VIEW
b
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com