Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXMEGA64A1 Datasheet(PDF) 48 Page - ATMEL Corporation

Part # ATXMEGA64A1
Description  8/16-bit XMEGA A1 Microcontroller
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA64A1 Datasheet(HTML) 48 Page - ATMEL Corporation

Back Button ATXMEGA64A1 Datasheet HTML 44Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 45Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 46Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 47Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 48Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 49Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 50Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 51Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 52Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 99 page
background image
48
8067I–AVR–04/09
XMEGA A1
28. PDI - Program and Debug Interface
28.1
Features
• PDI - Program and Debug Interface (Atmel proprietary 2-pin interface)
• JTAG Interface (IEEE std. 1149.1 compliant)
• Boundary-scan capabilities according to the IEEE Std. 1149.1 (JTAG)
• Access to the OCD system
• Programming of Flash, EEPROM, Fuses and Lock Bits
28.2
Overview
The programming and debug facilities are accessed through the JTAG and PDI physical inter-
faces. The PDI physical interface uses one dedicated pin together with the Reset pin, and no
general purpose pins are used. JTAG uses four general purpose pins on PORTB.
The PDI is an Atmel proprietary protocol for communication between the microcontroller and
Atmel’s or third party development tools.
28.3
JTAG interface
The JTAG physical layer handles the basic low-level serial communication over four I/O lines
named TMS, TCK, TDI, and TDO. It complies to the IEEE Std. 1149.1 for test access port and
boundary scan.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com