Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXMEGA64A1 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # ATXMEGA64A1
Description  8/16-bit XMEGA A1 Microcontroller
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA64A1 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button ATXMEGA64A1 Datasheet HTML 17Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 18Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 19Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 20Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 21Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 22Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 23Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 24Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 99 page
background image
21
8067I–AVR–04/09
XMEGA A1
10.3.3
32.768 kHz Crystal Oscillator
The 32.768 kHz Crystal Oscillator is a low power driver for an external watch crystal. It can be
used as system clock source or as asynchronous clock source for the Real Time Counter.
10.3.4
0.4 - 16 MHz Crystal Oscillator
The 0.4 - 16 MHz Crystal Oscillator is a driver intended for driving both external resonators and
crystals ranging from 400 kHz to 16 MHz.
10.3.5
2 MHz Run-time Calibrated Internal Oscillator
The 2 MHz Run-time Calibrated Internal Oscillator is a high frequency oscillator. It is calibrated
during productionn to provide a default frequency which is close to its nominal frequency. The
oscillator can use the 32 kHz Calibrated Internal Oscillator or the 32 kHz Crystal Oscillator as a
source for calibrating the frequency run-time to compensate for temperature and voltage drift
hereby optimizing the accuracy of the oscillator.
10.3.6
32 MHz Run-time Calibrated Internal Oscillator
The 32 MHz Run-time Calibrated Internal Oscillator is a high frequency oscillator. It is calibrated
during production to provide a default frequency which is close to its nominal frequency. The
oscillator can use the 32 kHz Calibrated Internal Oscillator or the 32 kHz Crystal Oscillator as a
source for calibrating the frequency run-time to compensate for temperature and voltage drift
hereby optimizing the accuracy of the oscillator.
10.3.7
External Clock input
The external clock input gives the possibility to connect a clock from an external source.
10.3.8
PLL with Multiplication factor 1 - 31x
The PLL provides the possibility of multiplying a frequency by any number from 1 to 31. In com-
bination with the prescalers, this gives a wide range of output frequencies from all clock sources.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com