Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXMEGA64A1 Datasheet(PDF) 43 Page - ATMEL Corporation

Part # ATXMEGA64A1
Description  8/16-bit XMEGA A1 Microcontroller
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA64A1 Datasheet(HTML) 43 Page - ATMEL Corporation

Back Button ATXMEGA64A1 Datasheet HTML 39Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 40Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 41Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 42Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 43Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 44Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 45Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 46Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 47Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 99 page
background image
43
8067I–AVR–04/09
XMEGA A1
25. DAC - 12-bit Digital to Analog Converter
25.1
Features
• Two DACs with 12-bit resolution
• Up to 1 Msps conversion rate for each DAC
• Flexible conversion range
• Multiple trigger sources
• 1 continuous output or 2 Sample and Hold (S/H) outputs for each DAC
• Built-in offset and gain calibration
• High drive capabilities
• Low Power Mode
25.2
Overview
The XMEGA A1 devices features two 12-bit, 1 Msps DACs with built-in offset and gain calibra-
tion, see Figure 25-1 on page 43.
A DAC converts a digital value into an analog signal. The DAC may use an internal 1.1 voltage
as the upper limit for conversion, but it is also possible to use the supply voltage or any applied
voltage in-between. The external reference input is shared with the ADC reference input.
Figure 25-1. DAC overview
Each DAC has one continuous output with high drive capabilities for both resistive and capaci-
tive loads. It is also possible to split the continuous time channel into two Sample and Hold (S/H)
channels, each with separate data conversion registers.
A DAC conversion may be started from the application software by writing the data conversion
registers. The DAC can also be configured to do conversions triggered by the Event System to
have regular timing, independent of the application software. DMA may be used for transferring
data from memory locations to DAC data registers.
The DAC has a built-in calibration system to reduce offset and gain error when loading with a
calibration value from software.
PORTA and PORTB each has one DAC. Notation of these peripherals are DACA and DACB.
respectively.
DAC
Channel A
Register
Channel B
Register
Event
Trigger
Configuration
Reference selection
Channel A
Channel B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com