Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXMEGA64A1 Datasheet(PDF) 19 Page - ATMEL Corporation

Part # ATXMEGA64A1
Description  8/16-bit XMEGA A1 Microcontroller
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA64A1 Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button ATXMEGA64A1 Datasheet HTML 15Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 16Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 17Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 18Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 19Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 20Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 21Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 22Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 99 page
background image
19
8067I–AVR–04/09
XMEGA A1
10. System Clock and Clock options
10.1
Features
• Fast start-up time
• Safe run-time clock switching
• Internal Oscillators:
– 32 MHz run-time calibrated RC oscillator
– 2 MHz run-time calibrated RC oscillator
– 32.768 kHz calibrated RC oscillator
– 32 kHz Ultra Low Power (ULP) oscillator with 1 kHz ouput
• External clock options
– 0.4 - 16 MHz Crystal Oscillator
– 32 kHz Crystal Oscillator
– External clock
• PLL with internal and external clock options with 1 to 31x multiplication
• Clock Prescalers with 1 to 2048x division
• Fast peripheral clock running at 2 and 4 times the CPU clock speed
• Automatic Run-Time Calibration of internal oscillators
• Crystal Oscillator failure detection
10.2
Overview
XMEGA A1 has an advanced clock system, supporting a large number of clock sources. It incor-
porates both integrated oscillators, external crystal oscillators and resonators. A high frequency
Phase Locked Loop (PLL) and clock prescalers can be controlled from software to generate a
wide range of clock frequencies from the clock source input.
It is possible to switch between clock sources from software during run-time. After reset the
device will always start up running from the 2 Mhz internal oscillator.
A calibration feature is available, and can be used for automatic run-time calibration of the inter-
nal 2 MHz and 32 MHz oscillators. This reduce frequency drift over voltage and temperature.
A Crystal Oscillator Failure Monitor can be enabled to issue a Non-Maskable Interrupt and
switch to internal oscillator if the external oscillator fails. Figure 10-1 on page 20 shows the prin-
cipal clock system in XMEGA A1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com