Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXMEGA64A1 Datasheet(PDF) 44 Page - ATMEL Corporation

Part # ATXMEGA64A1
Description  8/16-bit XMEGA A1 Microcontroller
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA64A1 Datasheet(HTML) 44 Page - ATMEL Corporation

Back Button ATXMEGA64A1 Datasheet HTML 40Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 41Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 42Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 43Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 44Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 45Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 46Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 47Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 48Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 99 page
background image
44
8067I–AVR–04/09
XMEGA A1
26. AC - Analog Comparator
26.1
Features
• Four Analog Comparators
• Selectable Power vs. Speed
• Selectable hysteresis
– 0, 20 mV, 50 mV
• Analog Comparator output available on pin
• Flexible Input Selection
– All pins on the port
– Output from the DAC
– Bandgap reference voltage.
– Voltage scaler that can perform a 64-level scaling of the internal VCC voltage.
• Interrupt and event generation on
– Rising edge
– Falling edge
–Toggle
• Window function interrupt and event generation on
– Signal above window
– Signal inside window
– Signal below window
26.2
Overview
XMEGA A1 features four Analog Comparators (AC). An Analog Comparator compares two volt-
ages, and the output indicates which input is largest. The Analog Comparator may be configured
to give interrupt requests and/or events upon several different combinations of input change.
Both hysteresis and propagation delays may be adjusted in order to find the optimal operation
for each application.
A wide range of input selection is available, both external pins and several internal signals can
be used.
The Analog Comparators are always grouped in pairs (AC0 and AC1) on each analog port. They
have identical behavior but separate control registers.
Optionally, the state of the comparator is directly available on a pin.
PORTA and PORTB each has one AC pair. Notations are ACA and ACB, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com