Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXMEGA64A1 Datasheet(PDF) 22 Page - ATMEL Corporation

Part # ATXMEGA64A1
Description  8/16-bit XMEGA A1 Microcontroller
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA64A1 Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button ATXMEGA64A1 Datasheet HTML 18Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 19Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 20Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 21Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 22Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 23Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 24Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 25Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 99 page
background image
22
8067I–AVR–04/09
XMEGA A1
11. Power Management and Sleep Modes
11.1
Features
• 5 sleep modes
–Idle
– Power-down
–Power-save
–Standby
– Extended standby
• Power Reduction registers to disable clocks to unused peripherals
11.2
Overview
The XMEGA A1 provides various sleep modes tailored to reduce power consumption to a mini-
mum. All sleep modes are available and can be entered from Active mode. In Active mode the
CPU is executing application code. The application code decides when and what sleep mode to
enter. Interrupts from enabled peripherals and all enabled reset sources can restore the micro-
controller from sleep to Active mode.
In addition, Power Reduction registers provide a method to stop the clock to individual peripher-
als from software. When this is done, the current state of the peripheral is frozen and there is no
power consumption from that peripheral. This reduces the power consumption in Active mode
and Idle sleep mode.
11.3
Sleep Modes
11.3.1
Idle Mode
In Idle mode the CPU and Non-Volatile Memory are stopped, but all peripherals including the
Interrupt Controller, Event System and DMA Controller are kept running. Interrupt requests from
all enabled interrupts will wake the device.
11.3.2
Power-down Mode
In Power-down mode all system clock sources, and the asynchronous Real Time Counter (RTC)
clock source, are stopped. This allows operation of asynchronous modules only. The only inter-
rupts that can wake up the MCU are the Two Wire Interface address match interrupts, and
asynchronous port interrupts, e.g pin change.
11.3.3
Power-save Mode
Power-save mode is identical to Power-down, with one exception: If the RTC is enabled, it will
keep running during sleep and the device can also wake up from RTC interrupts.
11.3.4
Standby Mode
Standby mode is identical to Power-down with the exception that all enabled system clock
sources are kept running, while the CPU, Peripheral and RTC clocks are stopped. This reduces
the wake-up time when external crystals or resonators are used.
11.3.5
Extended Standby Mode
Extended Standby mode is identical to Power-save mode with the exception that all enabled
system clock sources are kept running while the CPU and Peripheral clocks are stopped. This
reduces the wake-up time when external crystals or resonators are used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com