Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXMEGA64A1 Datasheet(PDF) 41 Page - ATMEL Corporation

Part # ATXMEGA64A1
Description  8/16-bit XMEGA A1 Microcontroller
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA64A1 Datasheet(HTML) 41 Page - ATMEL Corporation

Back Button ATXMEGA64A1 Datasheet HTML 37Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 38Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 39Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 40Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 41Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 42Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 43Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 44Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 45Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 99 page
background image
41
8067I–AVR–04/09
XMEGA A1
24. ADC - 12-bit Analog to Digital Converter
24.1
Features
• Two ADCs with 12-bit resolution
• 2 Msps sample rate for each ADC
• Signed and Unsigned conversions
• 4 result registers with individual input channel control for each ADC
• 8 single ended inputs for each ADC
• 8x4 differential inputs for each ADC
• 4 internal inputs:
–
Integrated Temperature Sensor
–
DAC Output
–
VCC voltage divided by 10
–
Bandgap voltage
• Software selectable gain of 2, 4, 8, 16, 32 or 64
• Software selectable resolution of 8- or 12-bit.
• Internal or External Reference selection
• Event triggered conversion for accurate timing
• DMA transfer of conversion results
• Interrupt/Event on compare result
24.2
Overview
XMEGA A1 devices have two Analog to Digital Converters (ADC), see Figure 24-1 on page 42.
The two ADC modules can be operated simultaneously, individually or synchronized.
The ADC converts analog voltages to digital values. The ADC has 12-bit resolution and is capa-
ble of converting up to 2 million samples per second. The input selection is flexible, and both
single-ended and differential measurements can be done. For differential measurements an
optional gain stage is available to increase the dynamic range. In addition several internal signal
inputs are available. The ADC can provide both signed and unsigned results.
This is a pipeline ADC. A pipeline ADC consists of several consecutive stages, where each
stage convert one part of the result. The pipeline design enables high sample rate at low clock
speeds, and remove limitations on samples speed versus propagation delay. This also means
that a new analog voltage can be sampled and a new ADC measurement started while other
ADC measurements are ongoing.
ADC measurements can either be started by application software or an incoming event from
another peripheral in the device. Four different result registers with individual input selection
(MUX selection) are provided to make it easier for the application to keep track of the data. Each
result register and MUX selection pair is referred to as an ADC Channel. It is possible to use
DMA to move ADC results directly to memory or peripherals when conversions are done.
Both internal and external analog reference voltages can be used. An accurate internal 1.0V
reference is available.
An integrated temperature sensor is available and the output from this can be measured with the
ADC. The output from the DAC, VCC/10 and the Bandgap voltage can also be measured by the
ADC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com