Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXMEGA64A1 Datasheet(PDF) 49 Page - ATMEL Corporation

Part # ATXMEGA64A1
Description  8/16-bit XMEGA A1 Microcontroller
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA64A1 Datasheet(HTML) 49 Page - ATMEL Corporation

Back Button ATXMEGA64A1 Datasheet HTML 45Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 46Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 47Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 48Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 49Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 50Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 51Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 52Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 53Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 99 page
background image
49
8067I–AVR–04/09
XMEGA A1
29. Pinout and Pin Functions
The pinout of XMEGA A1 is shown in “Pinout/Block Diagram” on page 3. In addition to general
I/O functionality, each pin may have several functions. This will depend on which peripheral is
enabled and connected to the actual pin. Only one of the alternate pin functions can be used at
time.
29.1
Alternate Pin Function Description
The tables below shows the notation for all pin functions available and describes its function.
29.1.1
Operation/Power Supply
29.1.2
Port Interrupt functions
29.1.3
Analog functions
29.1.4
EBI functions
VCC
Digital supply voltage
AVCC
Analog supply voltage
GND
Ground
SYNC
Port pin with full synchronous and limited asynchronous interrupt function
ASYNC
Port pin with full synchronous and full asynchronous interrupt function
ACn
Analog Comparator input pin n
AC0OUT
Analog Comparator 0 Output
ADCn
Analog to Digital Converter input pin n
DACn
Digital to Analog Converter output pin n
AREF
Analog Reference input pin
An
Address line n
Dn
Data line n
CSn
Chip Select n
ALEn
Address Latch Enable pin n
(SRAM)
RE
Read Enable
(SRAM)
WE
External Data Memory Write
(SRAM /SDRAM)
BAn
Bank Address
(SDRAM)
CAS
Column Access Strobe
(SDRAM)
CKE
SDRAM Clock Enable
(SDRAM)
CLK
SDRAM Clock
(SDRAM)
DQM
Data Mask Signal/Output Enable
(SDRAM)
RAS
Row Access Strobe
(SDRAM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com