Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXMEGA64A1 Datasheet(PDF) 23 Page - ATMEL Corporation

Part # ATXMEGA64A1
Description  8/16-bit XMEGA A1 Microcontroller
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA64A1 Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button ATXMEGA64A1 Datasheet HTML 19Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 20Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 21Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 22Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 23Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 24Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 25Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 26Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 27Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 99 page
background image
23
8067I–AVR–04/09
XMEGA A1
12. System Control and Reset
12.1
Features
• Multiple reset sources for safe operation and device reset
– Power-On Reset
– External Reset
– Watchdog Reset
The Watchdog Timer runs from separate, dedicated oscillator
– Brown-Out Reset
Accurate, programmable Brown-Out levels
– JTAG Reset
– PDI reset
– Software reset
• Asynchronous reset
– No running clock in the device is required for reset
• Reset status register
12.2
Resetting the AVR
During reset, all I/O registers are set to their initial values. The SRAM content is not reset. Appli-
cation execution starts from the Reset Vector. The instruction placed at the Reset Vector should
be an Absolute Jump (JMP) instruction to the reset handling routine. By default the Reset Vector
address is the lowest Flash program memory address, ‘0’, but it is possible to move the Reset
Vector to the first address in the Boot Section.
The I/O ports of the AVR are immediately tri-stated when a reset source goes active.
The reset functionality is asynchronous, so no running clock is required to reset the device.
After the device is reset, the reset source can be determined by the application by reading the
Reset Status Register.
12.3
Reset Sources
12.3.1
Power-On Reset
The MCU is reset when the supply voltage VCC is below the Power-on Reset threshold voltage.
12.3.2
External Reset
The MCU is reset when a low level is present on the RESET pin.
12.3.3
Watchdog Reset
The MCU is reset when the Watchdog Timer period expires and the Watchdog Reset is enabled.
The Watchdog Timer runs from a dedicated oscillator independent of the System Clock. For
more details see “WDT - Watchdog Timer” on page 24.
12.3.4
Brown-Out Reset
The MCU is reset when the supply voltage VCC is below the Brown-Out Reset threshold voltage
and the Brown-out Detector is enabled. The Brown-out threshold voltage is programmable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com