Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXMEGA64A1 Datasheet(PDF) 40 Page - ATMEL Corporation

Part # ATXMEGA64A1
Description  8/16-bit XMEGA A1 Microcontroller
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA64A1 Datasheet(HTML) 40 Page - ATMEL Corporation

Back Button ATXMEGA64A1 Datasheet HTML 36Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 37Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 38Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 39Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 40Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 41Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 42Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 43Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 44Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 99 page
background image
40
8067I–AVR–04/09
XMEGA A1
23. Crypto Engine
23.1
Features
• Data Encryption Standard (DES) CPU instruction
• Advanced Encryption Standard (AES) Crypto module
• DES Instruction
– Encryption and Decryption
– Single-cycle DES instruction
– Encryption/Decryption in 16 clock cycles per 8-byte block
• AES Crypto Module
– Encryption and Decryption
– Support 128-bit keys
– Support XOR data load mode to the State memory for Cipher Block Chaining
– Encryption/Decryption in 375 clock cycles per 16-byte block
23.2
Overview
The Advanced Encryption Standard (AES) and Data Encryption Standard (DES) are two com-
monly used encryption standards. These are supported through an AES peripheral module and
a DES CPU instruction. All communication interfaces and the CPU can optionally use AES and
DES encrypted communication and data storage.
DES is supported by a DES instruction in the AVR XMEGA CPU. The 8-byte key and 8-byte
data blocks must be loaded into the Register file, and then DES must be executed 16 times to
encrypt/decrypt the data block.
The AES Crypto Module encrypts and decrypts 128-bit data blocks with the use of a 128-bit key.
The key and data must be loaded into the key and state memory in the module before encryp-
tion/decryption is started. It takes 375 peripheral clock cycles before the encryption/decryption is
done and decrypted/encrypted data can be read out, and an optional interrupt can be generated.
The AES Crypto Module also has DMA support with transfer triggers when encryption/decryp-
tion is done and optional auto-start of encryption/decryption when the state memory is fully
loaded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com