Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXMEGA64A1 Datasheet(PDF) 69 Page - ATMEL Corporation

Part # ATXMEGA64A1
Description  8/16-bit XMEGA A1 Microcontroller
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA64A1 Datasheet(HTML) 69 Page - ATMEL Corporation

Back Button ATXMEGA64A1 Datasheet HTML 65Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 66Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 67Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 68Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 69Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 70Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 71Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 72Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 73Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 99 page
background image
69
8067I–AVR–04/09
XMEGA A1
33.8
Brownout Detection Characteristics
Note:
1. BOD is calibrated on BOD level 0 at 85
°C.
33.9
PAD Characteristics
Table 33-8.
Brownout Detection Characteristics
(1)
Symbol
Parameter
Condition
Min
Typ
Max
Units
BOD level 0 falling Vcc
1.6
V
BOD level 1 falling Vcc
1.9
BOD level 2 falling Vcc
2.1
BOD level 3 falling Vcc
2.4
BOD level 4 falling Vcc
2.6
BOD level 5 falling Vcc
2.9
BOD level 6 falling Vcc
3.2
BOD level 7 falling Vcc
3.4
Hysteresis
BOD level 0-5
2
%
Table 33-9.
PAD Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
IH
Input High Voltage
VCC = 2.4 - 3.6V
VCC+0.5
V
V
CC = 1.6 - 2.4V
V
CC+0.5
V
IL
Input Low Voltage
V
CC = 2.4 - 3.6V
-0.5
VCC = 1.6 - 2.4V
-0.5
V
OL
Output Low Voltage GPIO
I
OL = 15 mA, VCC = 3.3V
0.45
I
OL = 10 mA, VCC = 2.7V
0.3
IOL = 5 mA, VCC = 1.8V
0.2
V
OH
Output High Voltage GPIO
I
OH = -8 mA, VCC = 3.3V
3.0
I
OH = -6 mA, VCC = 2.7V
2.2
IOH = -2 mA, VCC = 1.8V
1.6
I
IL
Input Leakage Current I/O pin
<0.001
1
µA
I
IH
Input Leakage Current I/O pin
<0.001
1
RP
I/O pin Pull/Buss keeper Resistor
T= -40°C to 85°C
20
k
Ω
R
RST
Reset pin Pull-up Resistor
T= -40°C to 85°C
20
Slew Rate
No load
TBD
ns
Slew Rate w/slew rate limitation
No load
TBD
Input hysteresis
V
CC = 1.6 V - 3.6 V, T= -40°C to 85°C
0.5
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com