Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ3180-RAN+ Datasheet(PDF) 63 Page - Maxim Integrated Products

Part # MAXQ3180-RAN+
Description  Low-Power, Multifunction, Polyphase AFE
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3180-RAN+ Datasheet(HTML) 63 Page - Maxim Integrated Products

Back Button MAXQ3180-RAN+ Datasheet HTML 59Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 60Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 61Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 62Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 63Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 64Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 65Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 66Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 67Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 101 page
background image
Low-Power, Multifunction, Polyphase AFE
______________________________________________________________________________________
63
EOVF: Energy overflow. This flag indicates that one or
more energy accumulators (X.EAPOS, X.EANEG, etc.)
have overflowed. In a traditional meter, the host
processor would poll the MAXQ3180 to determine
which of the energy accumulators have overflowed and
adjust its internal accounting registers accordingly.
OC: The RMS current value on one or more of the
phases over the most recent DSP cycle has exceed-
ed the value set in the OCLVL register.
OV: The RMS voltage on one or more of the phases
over the most recent DSP cycle has exceeded the
value set in the OVLVL register.
UV: The RMS voltage on one or more of the phases
over the most recent DSP cycle has failed to exceed
the value set in the UVLVL register.
NOZX: Zero crossings were not detected on one or
more of the phases. The detection time is defined in
the NZX_TIMO register. The resolution for the
NZX_TIMO register is the duration of one ADC sam-
ple time (nominally 40μs).
DCHA: Tells the host processor that the direction of
net real energy flow on one of the three phases has
changed during the current DSP cycle as compared
to the previous DSP cycle.
DCHR: Tells the host processor that the direction of
net reactive energy flow on one of the three phases
has changed during the current DSP cycle as com-
pared to the previous DSP cycle.
DSPRDY: Indicates the latest DSP cycle has just
completed.
DSPOR: Indicates that the processing for the previ-
ous DSP cycle had not been completed before the
current DSP cycle became available for processing.
This overflow indication should never be seen in the
default configuration; however, under some condi-
tions (faster ADC rate, slower CPU clock) the pro-
cessing requirements may exceed the number of
CPU cycles available for DSP processing. Under
these circumstances, the clock rate may be
increased, the ADC rate may be reduced (that is,
the R_ADCRATE register may be increased), or the
functional load (such as fundamental mode calcula-
tions) may be cut.
Note that when DSPOR becomes set, all DSP calcu-
lations as well as all pulse outputs are invalidated.
The appropriate host response is to take the remedi-
al action described above and discard the current
set of DSP result values.
Each phase has a local register that contains copies of
the OC, OV, UV, NOZX, DCHA, and DCHR bits. Thus,
to determine which phase(s) have exception conditions
requires four reads: the IRQ_FLAG register to deter-
mine which conditions are active that are causing the
interrupt to occur, and then a read to A.FLAGS,
B.FLAGS, and C.FLAGS to determine which of the
phases have the indicated condition.
Finally, each phase has a pair of local registers that
contain overflow flags for each energy accumulator. If
the EOVF bit is set in the IRQ_FLAG register, the host
should then read the A.EOVER, B.EOVER, and
C.EOVER registers to determine which of the phases
have overflow conditions. If fundamental mode opera-
tion is enabled, the host should read A.EFOVER,
B.EFOVER, and C.EFOVER as well. Each of these reg-
isters contains a bit for each of real and reactive energy
in both positive and negative direction as well as
apparent energy.
Overvoltage and Overcurrent Detection
The MAXQ3180 detects overvoltage and overcurrent
events and can issue interrupt request signals to the
master when these events occur. The overvoltage level
can be programmed into the OVLVL register, while the
overcurrent level is determined by the OCLVL register.
Both OVLVL and OCLVL registers represent the bits
23:8 of the VRMS or IRMS registers. Any time the
MAXQ3180 detects the RMS-value exceeding a thresh-
old level, the OV or OC interrupt flag is set. If enabled,
any of these flags issues an interrupt request. All inter-
rupt flags are “sticky” bits—the MAXQ3180 never
clears them on its own unless a reset occurs. The inter-
rupt flags should be cleared by the master by writing
the appropriate register.
Meter Units to Real Units Conversion
All energy calculations, including various threshold
checks, are performed internally in fixed format in meter
units. Therefore, the threshold values must be supplied
by the user in meter units as well. This section summa-
rizes how to convert real units (V, A, kWh, W, and kAh)
into meter units and vice versa.
The conversion factors are based on the settings of tFR,
VFS, and IFS, defined by the user’s design.
tFR is analog scan frame timing. This parameter is
defined by the R_ADCRATE setting and system clock
frequency fSYS:
tFR = (R_ADCRATE + 1) x 8/fSYS
Default conditions are R_ADCRATE = 319, fSYS = 8MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com