Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ3180-RAN+ Datasheet(PDF) 31 Page - Maxim Integrated Products

Part # MAXQ3180-RAN+
Description  Low-Power, Multifunction, Polyphase AFE
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3180-RAN+ Datasheet(HTML) 31 Page - Maxim Integrated Products

Back Button MAXQ3180-RAN+ Datasheet HTML 27Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 28Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 29Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 30Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 31Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 32Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 33Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 34Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 35Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 101 page
background image
Low-Power, Multifunction, Polyphase AFE
______________________________________________________________________________________
31
Operating Mode Register 2 (OPMODE2) (0x003)
BIT
NAME
FUNCTION
7
—
Reserved.
6
DHARA
When set, disables automatic determination of the filter parameters for the harmonic filter coefficient. If
set by the host software, the host must set a value in the A1HARM filter coefficient register to
establish the operating frequency of this filter if harmonic-mode calculations are used. When cleared,
the MAXQ3180 automatically determines the value of the harmonic-filter coefficient based on the
measured line frequency and the harmonic-order requested (AUX_CFG.ORDH).
5
DFUNA
When set, disables automatic determination of the filter parameters for the fundamental-mode filter
described above. If set by the host software, the host must set a value in the A1FUND filter coefficient
register to establish the operating frequency of this filter if fundamental-mode calculations are used.
When clear, the MAXQ3180 automatically determines the value of the fundamental-mode filter
coefficient based on the measured line frequency.
4
DFUN
When set, fundamental-mode calculations are disabled. Fundamental-mode calculations provide
information about power and energy that are consumed only at the fundamental line frequency apart
from any harmonics that could be present. Setting this bit disables all fundamental frequency registers
but allows the MAXQ3180 to calculate other parameters at a higher rate. Set this bit when (1)
fundamental mode values do not need to be read, and (2) R_ADCRATE needs to be reduced below its
default value.
3
LINFRM
Selects the current linearity offset calibration method. See the Calibrating Current Offset section for
more information.
0 =
IRMS
2 + OFFS
1 = IRMS + OFFS
These bits select the coefficient used in calculating apparent power.
00 = 1-phase, 3-wire (1P3W), or 3-phase, 4-wire (3P4W) (C = 1)
01 = 3-phase, 3-wire (3P3W) (C = 3/2)
10 = three voltages, three currents (3V3A) (C = 3/3)
2:1
WIRSYS
3P3W Wiring (01)
Bit:
7
6
5
4
3
2
1
0
Name:
—
DHARA
DFUNA
DFUN
LINFRM
WIRSYS
APPSEL
Reset:
0
0
0
0
0
0
0
0
IA
IC
VAB
VCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com