Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ3180-RAN+ Datasheet(PDF) 84 Page - Maxim Integrated Products

Part # MAXQ3180-RAN+
Description  Low-Power, Multifunction, Polyphase AFE
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3180-RAN+ Datasheet(HTML) 84 Page - Maxim Integrated Products

Back Button MAXQ3180-RAN+ Datasheet HTML 80Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 81Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 82Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 83Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 84Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 85Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 86Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 87Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 88Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 101 page
background image
Low-Power, Multifunction, Polyphase AFE
84
______________________________________________________________________________________
ADC Settling Time (R_ADCACQ) (0x050)
This register is a mirror of a CPU register in the MAXQ3180. This register should not be modified by supervisory
code. This register specifies the time, in CPU clocks, that the ADC must wait after switching analog mux inputs
before beginning its conversion. This register defaults to 0x2F (47 decimal), which specifies a 48 CPU clock-cycle
delay from analog mux switching to the start of conversion.
SPI Configuration (R_SPICF) (0x052)
This register is a mirror of a CPU register in the MAXQ3180. This register configures the SPI port of the MAXQ3180.
Bit:
15
14
13
12
11
10
9
8
Name:
ADC Settling Time High Byte
Reset:
—
—
—
—
—
—
—
—
Bit:
7
6
5
4
3
2
1
0
Name:
ADC Settling Time Low Byte
Reset:
—
0x2F
Bit:
7
6
5
4
3
2
1
0
Name:
ESPII
SAS
—
—
—
CHR
CKPHA
CKPOL
Reset:
1
0
0
0
0
0
0
0
BIT
NAME
FUNCTION
7
ESPII
Enable SPI Interrupt. If set, arrival of a character on the SPI bus causes a CPU interrupt.
6
SAS
SPI Slave Select Polarity. If clear, SSEL is assumed to be active low; if set, SSEL is assumed to be
active high.
5:3
—
Reserved.
2
CHR
SPI Character Length. If clear, characters on the SPI bus are assumed to be 8 bits; if set, characters on
the SPI bus are assumed to be 16 bits.
1
CKPHA
SPI Clock Phase. If clear, data is sampled on the leading edge of the clock (low-to-high if the clock is
active high, and high-to-low if the clock is active low). If set, data is sampled on the trailing edge of the
clock (high-to-low if the clock is active high, and low-to-high if the clock is active low).
0
CKPOL
SPI Clock Polarity. If clear, the clock is assumed to be active high; if set, the clock is assumed to be
active low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com