Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ3180-RAN+ Datasheet(PDF) 24 Page - Maxim Integrated Products

Part # MAXQ3180-RAN+
Description  Low-Power, Multifunction, Polyphase AFE
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3180-RAN+ Datasheet(HTML) 24 Page - Maxim Integrated Products

Back Button MAXQ3180-RAN+ Datasheet HTML 20Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 21Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 22Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 23Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 24Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 25Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 26Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 27Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 28Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 101 page
background image
Low-Power, Multifunction, Polyphase AFE
24
______________________________________________________________________________________
more bytes than are required by the current command,
the extra bytes are either ignored (if the MAXQ3180 is
busy processing the previous command) or are inter-
preted as the beginning of a new command. If the mas-
ter sends fewer bytes than are required by the current
command, the MAXQ3180 waits for SPI timeout, then
drops the transaction and resets the communication
channel. The duration of the timeout can be configured
through the COM_TIMO register.
Figures 5 and 6 show typical 2-byte reading and writing
transfers (without CRC byte).
Host Software Design
Individual message bytes sent through the SPI are
processed in a software routine contained in the ROM
firmware. For this reason, it is necessary to provide a
delay between successive bytes. This byte spacing
must be no less than 400 system clocks to ensure that
the MAXQ3180 has a chance to read and process the
byte before the arrival of the next one.
To read any virtual power registers, the host must first
confirm that the DSPRDY bit of the IRQ_FLAG register
is set, which indicates the last DSP cycle has complet-
ed, then proceed to reading all the desired virtual
power registers. For best communication efficiency, it is
recommended to complete reading the virtual power
registers before reading other registers. Virtual power
register reads must be completed within 50% of DSP
cycle time, from the moment the DSPRDY bit is set. Do
not forget to clear the DSPRDY bit, otherwise, host soft-
ware is not able to detect the completion of the new
DSP cycle. The MAXQ3180 does not clear the bit; it
only sets the bit whenever a DSP cycle processing is
completed. Users can clear the bit directly after the
confirmation that the bit is set. Clearing the DSPRDY bit
does not affect the DSP processing. It is strongly rec-
ommended that CRC be enabled for both read and
write to achieve reliable communications.
SSEL
SCLK
MOSI
MISO
READING DATA FROM MAXQ3180 THROUGH SPI INTERFACE
00 01
ADDRESS
DUMMY
DUMMY
DUMMY
DUMMY
0xC1
0xC2
NACK (0x4E)
DATA LSB
DATA MSB
ACK (0x41)
SSEL
SCLK
MOSI
MISO
10 01
ADDRESS
DUMMY
DUMMY
0xC1
0xC2
ACK (0x41)
NACK (0x4E)
ACK (0x41)
ACK (0x41)
WRITING DATA TO MAXQ3180 THROUGH SPI INTERFACE
DATA LSB
DATA MSB
Figure 6. Write SPI Transfer
Figure 5. Read SPI Transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com