Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ3180-RAN+ Datasheet(PDF) 33 Page - Maxim Integrated Products

Part # MAXQ3180-RAN+
Description  Low-Power, Multifunction, Polyphase AFE
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3180-RAN+ Datasheet(HTML) 33 Page - Maxim Integrated Products

Back Button MAXQ3180-RAN+ Datasheet HTML 29Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 30Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 31Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 32Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 33Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 34Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 35Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 36Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 37Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 101 page
background image
Low-Power, Multifunction, Polyphase AFE
______________________________________________________________________________________
33
The interrupt request flag register contains bits that indicate the reason the IRQ pin has become active. The active
bit must be cleared by the host to avoid continuing firing of the interrupt by the MAXQ3180.
BIT
NAME
FUNCTION
15
DSPOR
When set, the DSP was unable to complete processing one cycle when another cycle was due to
begin. This indicates that the R_ADCRATE is set too low, and that samples are arriving more quickly
than they can be processed. Either increase the value of the R_ADCRATE register or set the DFUN bit
in the OPMODE2 register to disable fundamental frequency calculations to reduce the load on the DSP.
14
DSPRDY
Set when the DSP cycle completes.
13
DCHR
When set, the direction of reactive energy flow has changed (that is, from capacitive to inductive or
from inductive to capacitive).
12
DCHA
When set, the direction of real energy flow has changed (that is, from toward the load to away from the
load, or from away from the load to toward the load).
11
NOZX
When set, the MAXQ3180 has failed to detect zero crossings on one or more voltage channels for the
time defined by the NZX_TIMO register.
10
UV
When set, the absolute instantaneous voltage level in one or more voltage channels failed to exceed
the trip level set in the UVLVL (Undervoltage Level) register for one DSP cycle.
9
OV
When set, the absolute instantaneous voltage level in one or more voltage channels has exceeded the
trip level set in the OVLVL (Overvoltage Level) register.
8
OC
When set, the absolute instantaneous current in one or more current channels has exceeded the trip
level set in the OCLVL (Overcurrent Level) register.
7:3
—
Reserved.
2
EOVF
When set, one or more energy accumulators have an MSB overflow condition.
1
CHSCH
When set, indicates a change of the CHKSUM. The CHKSUM is computed over the configuration and
calibration data. The host should review a change in CHKSUM because any change in the
configuration or calibration data affects the metering operation and accuracy.
0
PWRF
When set, a power-supply failure is imminent and the supervisory processor should begin taking steps
to save its state and prepare for a loss of power.
Global Interrupt Registers
Interrupt Request Flag Register (IRQ_FLAG) (0x004)
Bit:
15
14
13
12
11
10
9
8
Name:
DSPOR
DSPRDY
DCHR
DCHA
NOZX
UV
OV
OC
Reset:
0
0
0
0
0
0
0
0
Bit:
7
6
5
4
3
2
1
0
Name:
—
—
—
—
—
EOVF
CHSCH
PWRF
Reset:
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com