Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ3180-RAN+ Datasheet(PDF) 98 Page - Maxim Integrated Products

Part # MAXQ3180-RAN+
Description  Low-Power, Multifunction, Polyphase AFE
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3180-RAN+ Datasheet(HTML) 98 Page - Maxim Integrated Products

Back Button MAXQ3180-RAN+ Datasheet HTML 93Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 94Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 95Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 96Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 97Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 98Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 99Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 100Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 101Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 98 / 101 page
background image
Low-Power, Multifunction, Polyphase AFE
98
______________________________________________________________________________________
Phasors
Phase B Phasor (VBPH: 0x852)
This register reports phase angle of voltage phase B
with respect to voltage phase A. The value is
expressed in units of 0.01 degree; thus, the nominal
value is 12000 decimal (0x2EE0). This value is calculat-
ed based on zero-crossing detection. It may exhibit
noticable error in the presence of harmonics on voltage
channels. This register is 2 bytes wide.
Phase C Phasor (VCPH: 0x854)
This register reports phase angle of voltage phase C
with respect to voltage phase A. The value is
expressed in units of 0.01 degree; thus, the nominal
value is 24000 decimal (0x5DC0). This value is calcu-
lated based on zero-crossing detection. It may exhibit
noticable error in the presence of harmonics on voltage
channels. This register is 2 bytes wide.
Harmonics
RMS Voltage, Harmonic (V.HARM) (0x830)
This register reports the RMS voltage. The units are
defined by the VOLT_CC setting. Use AUX_CFG to
configure the phase (A/B/C) and harmonic order
desired.
RMS Current, Harmonic/Neutral (I.N, I.HARM) (0x840)
This register reports the harmonic RMS current of
selected phase (A/B/C) and harmonic order, harmonic,
or the RMS current of the neutral current channel. The
units are defined by the AMP_CC setting. Use
AUX_CFG to configure the phase (A/B/C) and harmonic
order desired.
Ratio of Harmonic/Fundamental (HARM_NF) (0x850)
This register reports the ratio of the selected harmonic
RMS over the fundamental RMS of the same signal
(except IN). The master must configure the AUX_CFG
register to enable the AUX channel, enable harmonics,
and select AUX_MUX before reading this register. This
register is 4 bytes wide with the resolution of 1/216.
Special Commands
Table 7 shows the read-only virtual registers that acti-
vate special commands when read by the master.
Some commands return dummy values.
Applications Information
Grounds and Bypassing
Careful PCB layout significantly minimizes noise on the
analog inputs, resulting in less noise on the digital I/O
that could cause improper operation. The use of multi-
layer boards is essential to allow the use of dedicated
power planes. The area under any digital components
should be a continuous ground plane if possible. Keep
any bypass capacitor leads short for best noise rejec-
tion and place the capacitors as close to the leads of
the devices as possible.
The MAXQ3180 must have separate ground areas for
the analog (AGND) and digital (DGND) portions, con-
nected together at a single point.
NAME
ADDRESS
DESCRIPTION
DATA
LENGTH
(BYTES)
UPD_SFR
0x900
Reading this register copies the mirror registers (R_ADCF, R_ADCRATE,
R_ADCACQ, R_SPICF) into hardware SFR registers. The read returns dummy data.
1
UPD_MIR
0xA00
Reading this register copies hardware SFR registers into mirror registers (R_ADCF,
R_ADCRATE, R_ADCACQ, R_SPICF). The read returns dummy data.
1
DSPVER
0xC00
Reading this register returns the DSP firmware version number.
2
RAWTEMP
0xC01
Reading this register initiates the sampling and averaging of two internal
temperature readings. The result in internal temperature units is read from this
register LSB first. Use the following equation to convert a raw temperature reading to
Celsius: T[c] = T[raw] x TempFactor - 273.15
where TempFactor is a value to be determined by calibration. Note that the final
value may be slightly higher than ambient due to internal die heating.
2
ENTER STOP
0xC02
Reading this register places the device into Stop Mode.
1
ENTER LOWPM
0xC03
Reading this register places the device into LOWPM Mode.
1
EXIT LOWPM
0xC04
Reading this register exits LOWPM Mode.
1
Table 7. Virtual Registers That Activate Special Commands



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com