Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ3180-RAN+ Datasheet(PDF) 101 Page - Maxim Integrated Products

Part # MAXQ3180-RAN+
Description  Low-Power, Multifunction, Polyphase AFE
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3180-RAN+ Datasheet(HTML) 101 Page - Maxim Integrated Products

Back Button MAXQ3180-RAN+ Datasheet HTML 93Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 94Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 95Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 96Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 97Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 98Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 99Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 100Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 101Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 101 / 101 page
background image
Low-Power, Multifunction, Polyphase AFE
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 ___________________ 101
© 2009 Maxim Integrated Products
Maxim is a registered trademark of Maxim Integrated Products, Inc.
Revision History
REVISION
NUMBER
REVISION
DATE
DESCRIPTION
PAGES
CHANGED
0
2/08
Initial release.
—
1
1/09
Updated data sheet to be consistent with additional device features.
All
Removed reference to the device supporting IEC standards in the Features section;
changed the precision internal voltage reference spec from 1.23V to 2.048V.
1
In the Electrical Characteristics table, changed stop-mode current TYP and MAX from
1μA and 0μA to 0.2μA and 12μA, respectively; changed the input voltage range MAX
from 2V to VREF V; added VREF to output voltage SYMBOL; changed the tSCH and tSCL
MIN to 4 x tSYS and added Note 3 to CONDITIONS; changed the output voltage spec
for the internal voltage reference from 1.23V (typ) to 2.048V (typ); changed the
maximum SPI clock rate spec for the SPI slave-mode interface timing from 2MHz
(max) to fSYS/4MHz (max), and changed the tSE, tSD, tSIS, tSIH, and tSOV specs;
updated the SPI Slave Mode Timing diagram.
10, 11, 12
Updated the CFP and CFQ descriptions in the Pin Description table.
14
Removed statement about the IRQ line dropping low when reset causes the device
to enter Initialization Mode in the Watchdog Reset section.
17
Added new paragraph to the Host Software Design section about reading the virtual
registers.
24
Removed the Code Examples section.
26, 27, 28
Updated the bit functions for PORF and WDTR in the Global Status Register (STATUS)
(0x000) section.
28
Added bit 14 functionality (DSPRDY) to the IRQ_FLAG register.
33
Added bit 14 functionality (EDSPRDY) to the IRQ_MASK register and updated the
EDSPOR function description.
34
Corrected the reset valued for the OCLVL, OVLVL, and SYS_KHZ registers.
40, 41, 77
Corrected the reference of V/A to A/V in the Units Conversion Examples section
current transducer ratio (ITR) equation.
65
Updated the bit description for ADCMX (SCAN_IX.7:4, SCAN_VX.7:4, SCAN_IN.7:4)
and PGG.
73, 74
Updated the descriptions of the SCAN_IN and SCAN_TE registers.
75, 76
Corrected the reset value to 1 for bit 8 in the R_ADCRATE register.
83
2
8/09
Updated the phase B phasor and phase C phasor nominal values.
98
Changed the voltage range on VxP, IxN relative to AGND to -0.3V to +4.0V in the
Absolute Maximum Ratings section.
10
3
12/09
Added a statement that the CRC be enabled for read and write in the Host Software
Design section.
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com