Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ3180-RAN+ Datasheet(PDF) 66 Page - Maxim Integrated Products

Part # MAXQ3180-RAN+
Description  Low-Power, Multifunction, Polyphase AFE
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3180-RAN+ Datasheet(HTML) 66 Page - Maxim Integrated Products

Back Button MAXQ3180-RAN+ Datasheet HTML 62Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 63Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 64Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 65Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 66Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 67Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 68Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 69Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 70Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 101 page
background image
Low-Power, Multifunction, Polyphase AFE
66
______________________________________________________________________________________
• Read the meter quantity again to verify the calibra-
tion.
Note that these steps can occur more than once for a
given signal type to verify readings at different signal
levels.
There are two methods to read the meter in the above
second step. The first is to read the raw register associ-
ated with the value under calibration, for example,
A.VRMS for the phase A voltage channel; A.IRMS for
the phase A current channel, and A.ACT for phase A
real power.
The second calibration method assigns a pulse output
to the value being calibrated and measures the pulse
period. In practical use, the method chosen depends
on the specific application and the available equip-
ment. For example, in some applications the voltage
and current are of no concern, but the energy accumu-
lation must be very accurate. For these applications,
meter calibration sets with built-in pulse measurement
facilities can make the most sense.
The calibration procedure involves the following gener-
al steps:
• Calibrate voltage for a given phase by applying a
known voltage and adjusting the voltage gain
(A.V_GAIN for phase A) until the RMS voltage
(A.VRMS for phase A) reads the applied voltage in
the designated units.
• Calibrate current by applying a known current and
adjusting the current gain (A.I_GAIN for phase A)
until the RMS current (A.IRMS for phase A) reads the
applied current in the designated units. If desired,
the current can be calibrated at two points (low
range and high range) for more accuracy.
• Once the current gain and voltage gain are calibrat-
ed, the power/energy should not require any addi-
tional adjustment for most situations. Although, a
separate power gain register is available for further
fine-tuning of the power/energy accuracy. One must
keep in mind that anytime voltage or current is recali-
brated, the power or energy accuracy is naturally
affected. So the power gain should be recalibrated to
achieve the desired accumulative effect of voltage,
current, and power gains.
• Calibrate the phase offset by applying a power factor
load and adjusting the phase angle offset according-
ly. If desired, the phase offset can be calibrated at
up to three points for more accuracy.
Once these elements are calibrated for each phase, all
other information (power factor, reactive power, appar-
ent power, etc.)is also properly calibrated. The descrip-
tions in the following sections deal specifically with
phase A, but the same procedure is followed with phas-
es B and C.
Calibrating Voltage
Ensure that there is no previous value in the gain regis-
ter, A.V_GAIN, by setting this register to 0x4000.
• Apply a known voltage with RMS value close to the
desired maximum operating voltage (and less than
VFS/√2).
• Read the A.VRMS register. Note the value.
• Convert the known value to meter units by dividing it
by MU_VOLT (= VFS/224).
• Divide the applied value (in meter unit) by the value
read from the MAXQ3180. The result should be a
value between 0 and 2. If the value falls outside of
this range, you have probably miscalculated VFS.
• Multiply the calculated value by 214. The result is the
gain value to be programmed into A.V_GAIN. Ensure
the most significant bit is 0.
When the gain value is programmed, wait for 2 to 3
seconds, reread the RMS value from A.VRMS. Check
that the measured value is correct by comparing
A.VRMS against the applied voltage in meter unit.
Voltage Calibration Example
Assumptions: VFS is 558.1V. The applied voltage is 240
VRMS.
• Convert the applied voltage to meter units. This cal-
culation gives 240 x 224/558.1 = 7,214,714 =
0x006E1679.
• Read the A.VRMS register. You read 0x0708029.
This is 7,372,841 decimal.
• Divide the applied voltage by the voltage read from
the meter. The result is 7,214,714/7,372,841 =
0.97855.
• Convert to integer by multiplying 214: 16,384 x
0.97855 = 16,033 = 0x3EA1. Write this value to the
A.V_GAIN register.
Calibrating Current
Ensure that there is no previous value in the gain regis-
ter, A.I_GAIN, by setting this register to 0x4000.
• Apply a known current with RMS value close to the
desired maximum operating current (and much lower
than IFS/√2).
• Read the A.IRMS register. Note the value.
• Convert the known value to meter units by dividing it
by MU_AMP (= IFS/224).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com