Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ3180-RAN+ Datasheet(PDF) 67 Page - Maxim Integrated Products

Part # MAXQ3180-RAN+
Description  Low-Power, Multifunction, Polyphase AFE
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3180-RAN+ Datasheet(HTML) 67 Page - Maxim Integrated Products

Back Button MAXQ3180-RAN+ Datasheet HTML 63Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 64Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 65Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 66Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 67Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 68Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 69Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 70Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 71Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 101 page
background image
Low-Power, Multifunction, Polyphase AFE
______________________________________________________________________________________
67
• Divide the applied value (in meter unit) by the value
read from the MAXQ3180. The result should be a
value between 0 and 2. If the value falls outside of
this range, you have probably miscalculated IFS.
• Multiply the calculated value by 214. The result is the
gain value to be programmed into A.I_GAIN. Ensure
the most significant bit is 0.
When the gain value is programmed, wait for approxi-
mately 2 to 3 seconds, then reread the RMS value from
A.IRMS. Check that the measured value is correct by
comparing A.IRMS against the applied current in meter
unit.
Current Calibration Example
Assume IFS is 102.4A and the meter has a base current
of 10A and a maximum current of 60A.
• The meter is calibrated at the base current of 10A.
• Convert the applied current to meter units. This cal-
culation gives 10 x 224/102.4 = 1,638,400 =
0x00190000.
• Read the A.IRMS register. You read 0x0017DC85.
This is 1,563,781 decimal.
• Divide the applied current by the current read from the
meter. The result is 1,638,400/1,563,781 = 1.0477.
• Multiply by 214 x 1.0477 = 17,166 = 0x430E. Write
this value to the A.I_GAIN register.
Calibrating Phase Offset
For this calibration step, it is necessary to have a power
factor meter, capable of measuring phase angle, con-
nected in the same circuit as the MAXQ3180 meter.
Note that calibration can be performed at any precision
power factor setting. We use a pure resistive load (PF =
1.0) load to illustrate the procedure.
• Apply a resistive load to the meter; the current drawn
by the load should correspond to the base current of
your meter.
• Record the phase angle and direction (capacitive or
inductive) reported on the power factor meter.
• Read and record the real and reactive energy from
the X.ACT and X.REA registers. Divide the reactive
energy by the real energy. This is the tangent of the
power-phase angle.
• Read the X.REA register. If the high-order bit is set,
the power factor reported in the above step is capac-
itive. If the high-order bit is clear, the power factor
reported in the above step is inductive.
• Now determine the correction factor: treating capaci-
tive values as negative and inductive values as posi-
tive, subtract the angle read from the MAXQ3180
from the angle read from the reference meter. The
result is the compensation angle.
• Multiply the compensation angle (in radians) by
65,536. This is the value to write into X.PA0.
If I1THR and I2THR are left at their default values
(0x0000), then the value in X.PA0 is applied to the full
measurement range. Alternatively, you could write the
same value into X.PA0, X.PA1, and X.PA2. Then the
same compensation is applied through the whole mea-
surement range regardless of the I1THR and I2THR set-
tings. If desired, calibrate for the phase angle at up to
three different current levels to compensate for nonlin-
earity in the current sensor. See the
Advanced
Operation section for more information.
Phase Offset Calibration Example
Assume the meter is a 10/60 meter; that is, the base
current is 10A and the maximum rated current is 60A.
IFS is 102.4A and VFS is 558.1V. The test point is 10A
and 240V.
• Connect the MAXQ3180-based meter under test in
series with a lab grade reference meter. See the con-
figuration below.
• Apply power to the meter and apply a load of 10A
resistive.
• Verify that the I1THR, I2THR, A.PA0, A.PA1, and
A.PA2 registers contain zero.
• Read the power factor on the reference meter. You
read 1.5° capacitive. This is not unusual. The load
might not be truly resistive or reactance in the test
configuration could be reflected in the measurement.
• Read the real energy from register A.ACT (0x1D0).
You read 0x2865D6 (2,646,510 meter units).
• Read the reactive energy from register A.REA
(0x1D4). You read 0xFFFFA5C0 (-23,104 meter
units).
• Divide the reactive by the active power: -23,104/
2,646,510 = -0.009.
V
LAB
METER
V
UNIT
UNDER
TEST
LOAD
LINE
NEUTRAL
Figure 15. Offset Testing Setup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com