| Electronic Components Datasheet Search |
|
MAXQ3180-RAN+ Datasheet(PDF) 17 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAXQ3180-RAN+ Datasheet(HTML) 17 Page - Maxim Integrated Products |
|
17 / 101 page ![]() Low-Power, Multifunction, Polyphase AFE ______________________________________________________________________________________ 17 tPOR VRST1 BROWNOUT DETECTION BROWNOUT DETECTION (ALWAYS ENABLED OUTSIDE OF STOP MODE) FORCES RESET STATE. POR = 1 BROWNOUT DETECTION DISABLED DURING STOP MODE. NO RESET IS GENERATED. BROWNOUT DETECTION DISABLED. POR LEVEL CAUSES RESET. VPOR INTERNAL RESET STOP MODE Figure 2. Brownout Reset to 0, meaning that the MAXQ3180 always switches to the high-frequency clock before it begins accepting commands in Initialization Mode. When an external reset occurs from Stop Mode, execu- tion (in Initialization Mode) resumes after 128 cycles of the internal RC oscillator (or approximately 128μs). Power-On Reset When the MAXQ3180 is first powered up, or when the power supply, VDVDD, drops below the VRST power-fail trip point (outside of Stop Mode), the MAXQ3180 is held in power-on reset. Once the power supply rises above the VRST level, the power-on reset state is released and all registers are reset to their defaults and execution resumes in Initialization Mode. The high-fre- quency external crystal (LOWPM = 0) is always select- ed as the clock source following any power-on or brownout reset. In Stop Mode brownout detection is disabled, so a power-on reset does not occur until VDVDD drops to a lower level (VPOR). From the master’s perspective, power-on resets and brownout resets both cause the MAXQ3180 to reset in the same way. Watchdog Reset The MAXQ3180 includes a hardware watchdog timer that is armed and periodically reset automatically during nor- mal operation. Under normal circumstances, the MAXQ3180 always resets the watchdog timer often enough to prevent it from expiring. However, if an internal error of some kind causes the MAXQ3180 to lock up or enter an endless execution loop, the watchdog timer expires and triggers an automatic hardware reset. There is no register flag to indicate to the master that a watch- dog reset has occurred, but the RESET line strobes low briefly. The watchdog timer does not run during Stop Mode. Software Reset The master initiates a software reset by setting the SWRES (OPMODE0.3) bit to 1. When a software reset occurs, the MAXQ3180 clears all registers to their default states and returns to Initialization Mode, in the |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |